Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AL5802LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5802LP
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5802LP Datasheet HTML 1Page - Diodes Incorporated AL5802LP Datasheet HTML 2Page - Diodes Incorporated AL5802LP Datasheet HTML 3Page - Diodes Incorporated AL5802LP Datasheet HTML 4Page - Diodes Incorporated AL5802LP Datasheet HTML 5Page - Diodes Incorporated AL5802LP Datasheet HTML 6Page - Diodes Incorporated AL5802LP Datasheet HTML 7Page - Diodes Incorporated AL5802LP Datasheet HTML 8Page - Diodes Incorporated AL5802LP Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AL5802LP
Document number: DS37549 Rev. 4 - 2
1 of 10
www.diodes.com
March 2016
© Diodes Incorporated
AL5802LP
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Description
The AL5802LP combines a high-gain NPN transistor with a pre-
biased NPN transistor to make a simple, small footprint LED driver.
The LED current is set by an external resistor connected from REXT
pin (2) to GND pin (3), and the internal high-gain transistor develops
approximately 0.6V across the external resistor.
The AL5802
LP’s open-collector output can operate from 0.8V to 30V
making it suitable for industry standard 5V to 24V power supplies
without additional components.
PWM dimming of the LED current can be achieved by either driving
the BIAS pin (6) with a low impedance voltage source, or driving the
EN pin (4) with an external open-collector NPN transistor or
open-drain N-Channel MOSFET.
The AL5802LP is available in a U-DFN1616-6 (Type F) package and
is ideal for driving 10mA to 120mA LED currents.
Features
Reference Voltage VREXT = 0.65V
-40 to +125°C Operating Temperature Range
0.8V to 30V Open-Collector Output
Negative Temperature Coefficient
– Automatically Reduces the
LED Current at High Temperatures
Low Thermal Impedance, Small Footprint DFN1616-6 Package
with Exposed Pads
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Package: U-DFN1616-6 (Type F)
The collector of Q2 is connected to pin 1 and pad 7 which is
on the underside of the package
Pad 8 is electrically tied to the collector of Q1 and to the
base of Q2, i.e. it is common with terminal 4
Mechanical Data
Case: U-DFN1616-6 (Type F)
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94-V-0.
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.005 grams (Approximate)
Applications
Linear LED Driver
LED Signs
Offline LED Luminaries
Ordering Information (Note 4)
Device
Qualification
Packaging
Tape and Reel
Quantity
Part Number Suffix
AL5802LP
Commercial
U-DFN1616-6 (Type F)
3,000/Tape & Reel
-7
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Internal Schematic
(Top View)
(Bottom View)
e4


Similar Part No. - AL5802LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LPL-7 DIODES-AL5802LPL-7 Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
More results

Similar Description - AL5802LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLD101 DIODES-DLD101 Datasheet
165Kb / 7P
LINEAR MODE CURRENT SINK LED DRIVER
DS32007 Rev. 6 - 2
AL5801 DIODES-AL5801 Datasheet
234Kb / 11P
100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 3
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com