Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AL5802LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5802LP
Description  LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802LP Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5802LP Datasheet HTML 1Page - Diodes Incorporated AL5802LP Datasheet HTML 2Page - Diodes Incorporated AL5802LP Datasheet HTML 3Page - Diodes Incorporated AL5802LP Datasheet HTML 4Page - Diodes Incorporated AL5802LP Datasheet HTML 5Page - Diodes Incorporated AL5802LP Datasheet HTML 6Page - Diodes Incorporated AL5802LP Datasheet HTML 7Page - Diodes Incorporated AL5802LP Datasheet HTML 8Page - Diodes Incorporated AL5802LP Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AL5802LP
Document number: DS37549 Rev. 4 - 2
4 of 10
www.diodes.com
March 2016
© Diodes Incorporated
AL5802LP
Electrical Characteristics
– NPN Pre-biased Transistor – Q2 (@T
A = +25°C, unless otherwise specified.)
Symbol
Characteristic
Test Condition
Min
Typ
Max
Unit
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 50μA, IE = 0
30
V
V(BR)CEO
Collector-Emitter Breakdown Voltage (Note 8)
IC = 1mA, IB = 0
30
V
V(BR)EBO
Emitter-Base Breakdown Voltage (Note 9)
IE = 50μA, IC = 0
5.0
V
ICBO
Collector Cut-Off Current
VCB = 30V, IE = 0
0.5
µA
IEBO
Emitter Cut-Off Current (Note 9)
VEB = 4V, IC = 0
0.5
µA
VCE(SAT)
Collector-Emitter Saturation Voltage (Note 8)
IC = 10mA, IB = 1mA
0.3
V
VBE(ON)
Base-Emitter Turn-On Voltage
VCE = 5.0V, IC = 2.0mA
0.30
1.10
V
hFE
DC Current Gain (Note 8)
VCE = 5V, IC = 150mA
100
R1
Input Resistance
7
10
13
kΩ
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design and tested only at the wafer level for single die. These parameters cannot be tested at the finished goods level due to
the testability of the device changed after packaging multiple dies to form an application circuit.
Thermal Characteristics
Typical Performance Characteristics
VOUT (V)
Figure 3 Output Current vs. VOUT
Figure 4 Output Current vs. Rext
Rext (
)
Ω
0
50
100
1
10
100
Vout = 1.4V
Vout = 5.4V
Vbias = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com