Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM105 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM105
Description  Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM105 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM105 Datasheet HTML 1Page - National Semiconductor (TI) LM105 Datasheet HTML 2Page - National Semiconductor (TI) LM105 Datasheet HTML 3Page - National Semiconductor (TI) LM105 Datasheet HTML 4Page - National Semiconductor (TI) LM105 Datasheet HTML 5Page - National Semiconductor (TI) LM105 Datasheet HTML 6Page - National Semiconductor (TI) LM105 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Note 2) (Continued)
Note 1: The maximum junction temperature of the LM105 and LM305A is 150˚C, and the LM305 is 85˚C. For operation at elevated temperatures, devices in the
H08C package must be derated based on a thermal resistance of 168˚C/W junction to ambient, or 25˚C/W junction to case. Peak dissipations to 1W are allowable
providing the dissipation rating is not exceeded with the power average over a five second interval for the LM105 and averaged over a two second interval for the
LM305.
Note 2: Unless otherwise specified, these specifications apply for temperatures within the operating temperature range, for input and output voltages within the
range given, and for a divider impedance seen by the feedback terminal of 2 k
Ω. Load and line regulation specifications are for a constant junction temperature. Tem-
perature drift effects must be taken into account separately when the unit is operating under conditions of high dissipation.
Note 3: The output currents given, as well as the load regulation, can be increased by the addition of external transistors. The improvement factor will be roughly
equal to the composite current gain of the added transistors.
Note 4: With no external pass transistor.
Note 5: Refer to RETS105X Drawing for military specifications for the LM105.
Typical Performance Characteristics
Load Regulation
DS007755-15
Load Regulation
DS007755-16
Current Limiting
Characteristics
DS007755-17
Current Limit Sense Voltage
DS007755-18
Short Circuit Current
DS007755-19
Optimum Divider Resistance
Values
DS007755-20
Minimum Input Voltage
DS007755-21
Regulator Dropout Voltage
DS007755-22
Supply Voltage Rejection
DS007755-23
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com