Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM105 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM105
Description  Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM105 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM105 Datasheet HTML 1Page - National Semiconductor (TI) LM105 Datasheet HTML 2Page - National Semiconductor (TI) LM105 Datasheet HTML 3Page - National Semiconductor (TI) LM105 Datasheet HTML 4Page - National Semiconductor (TI) LM105 Datasheet HTML 5Page - National Semiconductor (TI) LM105 Datasheet HTML 6Page - National Semiconductor (TI) LM105 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 5)
LM105
LM305
LM305A
Input Voltage
50V
40V
50V
Input-Output Differential
40V
40V
40V
Power Dissipation (Note 1)
800 mW
800 mW
800 mW
Operating Temperature Range
−55˚C to +125˚C
0˚C to +70˚C
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
300˚C
300˚C
300˚C
Electrical Characteristics (Note 2)
Parameter
Conditions
LM105
LM305
LM305A
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Voltage Range
8.5
50
8.5
40
8.5
50
V
Output Voltage Range
4.5
40
4.5
30
4.5
40
V
Input-Output Voltage
3.0
30
3.0
30
3.0
30
V
Differential
Load Regulation
R
SC = 10Ω,TA = 25˚C
0.02
0.05
0.02
0.05
%
(Note 3)
R
SC = 10Ω,TA = TA(MAX)
0.03
0.1
0.03
0.1
%
R
SC = 10Ω,TA = TA(MIN)
0.03
0.1
0.03
0.1
%
0
≤ I
O ≤ 12 mA
0
≤ I
O ≤ 12 mA
R
SC = 0Ω,TA = 25˚C
0.02
0.2
%
R
SC = 0Ω,TA = 70˚C
0.03
0.4
%
R
SC = 0Ω,TA = 0˚C
0.03
0.4
%
0
≤ I
O ≤ 45 mA
Line Regulation
T
A = 25˚C
%/V
0˚C
≤ T
A ≤ +70˚C
%/V
V
IN −VOUT ≤ 5V, TA = 25˚C
0.025
0.06
0.025
0.06
0.025
0.06
%/V
V
IN −VOUT ≥ 5V, TA = 25˚C
0.015
0.03
0.015
0.03
0.015
0.03
%/V
Temperature Stability
T
A(MIN) ≤ TA ≤ TA(MAX)
0.3
1.0
0.3
1.0
0.3
1.0
%
Feedback Sense
Voltage
1.63
1.7
1.81 1.63
1.7
1.81 1.55
1.7
1.85
V
Output Noise Voltage
10 Hz
≤ f ≤ 10 kHz
C
REF = 0
0.005
0.005
0.005
%
C
REF = 0.1 µF
0.002
0.002
0.002
%
Standby Current Drain
V
IN = 30V, TA = 25˚C
mA
V
IN = 40V
0.8
2.0
mA
V
IN = 50V
0.8
2.0
0.8
2.0
mA
Current Limit
T
A = 25˚C, RSC = 10Ω,
225
300
375
225
300
375
225
300
375
mV
Sense Voltage
V
OUT = 0V, (Note 4)
Long Term Stability
0.1
0.1
0.1
%
Ripple Rejection
C
REF = 10 µF, f = 120 Hz
0.003
0.003
0.003
%/V
θ
JA
TO-99 Board Mount
230
230
230
˚C/W
in Still Air
θ
JA
TO-99 Board Mount in
92
92
92
˚C/W
400 LF/Min Air Flow
θ
JC
TO-99
25
25
25
˚C/W
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com