Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RKE-1205S/H Datasheet(PDF) 1 Page - Recom International Power

Part # RKE-1205S/H
Description  4kVDC/1 second Isolation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKE-1205S/H Datasheet(HTML) 1 Page - Recom International Power

  RKE-1205S/H Datasheet HTML 1Page - Recom International Power RKE-1205S/H Datasheet HTML 2Page - Recom International Power RKE-1205S/H Datasheet HTML 3Page - Recom International Power RKE-1205S/H Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECO-1
REV.: 0/2016
www.recom-power.com
1 Watt
SIP7
Package
DC/DC Converter
Features
Unregulated
Converters
• Low Cost
• 1:1 Input Voltage Range
• Efficiency up to 81%
• 4kVDC/1 second Isolation
• IEC/EN/UL Certified
RKE/H
UL60950-1 Certified
EN55022 Compliant
Description
The RKE/H DC/DC converters are typically used in cost sensitive general purpose power isolation and
voltage matching applications. Despite their low cost, they are fully specified converters with 4kVdc
isolation, industrial operating temperature range of -40°C to +85°C without derating and UL/EN
certifications.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ.(1)
Load(2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RKE-0505S/H
5
5
200
75
1000
RKE-1205S/H
12
5
200
80
1000
RKE-2405S/H
24
5
200
81
1000
3 YEAR
warranty
3
E358085
Model Numbering
Ordering Examples:
RKE-0505S/H, 5Vin and 5Vout, Single Output
RKE-2405S/H, 24Vin and 5Vout, Single Output
Input Voltage
Output Voltage
RKE-__ __ S/H
Notes:
Note1: Values at nominal input voltage and full load.
Note2: Test by minimum Vin and constant resistor load.
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
-10%
+10%
Input Filter
internal capacitors
Operating Frequency
80kHz
Minimum Load
0%
Output Ripple and Noise
measured with 20MHz bandwidth and a
0.1µF ceramic capacitor
40mVp-p
100mVp-p
continued on next page
Specifications (measured at ta= 25°C, nominal input voltage, full load, otherwise noted)


Similar Part No. - RKE-1205S/H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKE-1205S/H RECOM-RKE-1205S/H Datasheet
256Kb / 4P
1 Watt SIP7 Package
More results

Similar Description - RKE-1205S/H

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
List of Unclassifed Man...
10K3A1A ETC2-10K3A1A Datasheet
57Kb / 2P
Fast time response (1 second typical in
logo
PCA ELECTRONICS INC.
EPR1345S PCA-EPR1345S Datasheet
76Kb / 1P
DS3/E3/STS-1 Isolation Transformer
EPR1346S PCA-EPR1346S Datasheet
76Kb / 1P
DS3/E3/STS-1 Isolation Transformer
logo
Recom International Pow...
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
List of Unclassifed Man...
REC5-2412 ETC2-REC5-2412 Datasheet
150Kb / 4P
High 4kVDC 6kVDC Isolation
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
Second source for SNAPHAT
01-Nov-2013
logo
BOWIN ELECTRONIC CO.
LS6109 BOWIN-LS6109 Datasheet
99Kb / 9P
Scroll Second Watch
logo
Recom International Pow...
RKZ-XX2005D RECOM-RKZ-XX2005D Datasheet
323Kb / 5P
High Isolation 3kVDC & 4kVDC for 1 minute
REC3-SDRW RECOM-REC3-SDRW Datasheet
131Kb / 4P
2kV, 4kVDC & 6kVDC Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com