Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RKE-1205S/H Datasheet(PDF) 3 Page - Recom International Power

Part # RKE-1205S/H
Description  4kVDC/1 second Isolation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKE-1205S/H Datasheet(HTML) 3 Page - Recom International Power

  RKE-1205S/H Datasheet HTML 1Page - Recom International Power RKE-1205S/H Datasheet HTML 2Page - Recom International Power RKE-1205S/H Datasheet HTML 3Page - Recom International Power RKE-1205S/H Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
Specifications (measured at ta= 25°C, nominal input voltage, full load, otherwise noted)
RKE/H
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
-40°C to +85°C
Maximum Case Temperature
+105°C
Operating Humidity
non-condensing
5% to 95% RH
Vibration
MIL-STD-202G
MTBF
MIL-HDBK-217F
+25°C
+85°C
13200 x 10³hrs
5200 x 103hrs
ECO-3
REV.: 0/2016
www.recom-power.com
Derating Graph
100
80
60
30
40
20
0
-40
0
60
40
20
-20
100
85
120
80
Ambient Temperature [°C]
Safe Operating Area
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
IEC/EN General Safety
LVD1602031
IEC/EN60950-1, 2nd Edition, 2013
UL General Safety
E358085-A4
UL60950-1, 2nd Edition, 2007
CAN/CSA General Safety
CSA C22.2 No. 60601-1, 2nd Edition, 2007
EMC Compliance
Condition
Standard / Criterion
EMI conducted and radiated emission
with external filter
EN55022, Class B
EMC Class B Filter suggestion
C1
L1
+Vin
+Vout
-Vout
-Vin
470pF/5kVDC
MODEL
C1
L1
RKE-0505S/H
10µF
4.7µH
RKE-1205S/H
4.7µF
22µH
RKE-2405S/H
2.2µF
47µH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com