Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7758ARWRL Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 46Page - Analog Devices ADE7758ARWRL Datasheet HTML 47Page - Analog Devices ADE7758ARWRL Datasheet HTML 48Page - Analog Devices ADE7758ARWRL Datasheet HTML 49Page - Analog Devices ADE7758ARWRL Datasheet HTML 50Page - Analog Devices ADE7758ARWRL Datasheet HTML 51Page - Analog Devices ADE7758ARWRL Datasheet HTML 52Page - Analog Devices ADE7758ARWRL Datasheet HTML 53Page - Analog Devices ADE7758ARWRL Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
ADE7758
Rev. A | Page 50 of 68
Step 6: Calculate xPHCAL and write to the xPHCAL registers
(0x3F to 0x41).
Figure 82 shows the steps involved in calibrating the phase
using the line accumulation mode.
STEP 1
SET LCYCMODE,
LINECYC AND MASK
REGISTERS
STEP 2
SET UP SYSTEM FOR
ITEST, VNOM, PF = 0.5
STEP 3
RESET STATUS
REGISTER
STEP 4
READ ALL XWATTHR
REGISTERS AFTER
LENERGY
INTERRUPT
STEP 5
CALCULATE PHASE
ERROR IN DEGREES
FOR ALL PHASES
STEP 6
CALCULATE AND
WRITE TO ALL
XPHCAL REGISTERS
()
()
°
×
°
×
µ
=
Error
Phase
s
Period
s
xPHCAL
1
360
4
.
2
(51)
The period is available in the ADE7758 frequency register if it is
not known. Equation 37 shows how to determine the value
written to xPHCAL using the period register measurement (see
the Phase Calibration Using Pulse Output section). In Equation
37, the 2.4 µs is for phase errors that are negative. For positive
phase error, the 2.4 µs is replaced by 4.8 µs (see the Phase
Compensation section).
Example—Phase Calibration Using Line Accumulation
This example shows only Phase A phase calibration. All three
PHCAL registers can be calibrated simultaneously using the
same method.
For this example, ITEST = 10 A, VNOM = 220 V, Power Factor = 0.5
inductive, and Frequency = 50 Hz.
Figure 82. Phase Calibration Using Line Accumulation
With ITEST, VNOM, and 0.5 inductive power factor, the example
ADE7758 meter shows 12036d in the AWATTHR (0x01)
register. For unity power factor (after gain calibration), the
meter shows 24020d in the AWATTHR register. This is
equivalent to 26 LSBs of error.
Step 1: If the values were changed after gain calibration, Step 1,
Step 3, and Step 4 from the gain calibration should be repeated
to configure the LCYCMODE and LINECYC registers.
Step 2: Set the test system for ITEST, VNOM, and 0.5 power factor.
The Phase Error in degrees using Equation 50 is −0.07°.
Step 3: Reset the interrupt status register by reading RSTATUS
(0x1A).
()
°
=
=
°
07
.
0
3
00215
.
0
sin
–Arc
Error
Phase
Step 4: The xWATTHR registers should be read after the
LINECYC interrupt. Measure the percent error in the energy
register readings (AWATTHR, BWATTHR, and CWATTHR)
compared to the energy register readings at unity power factor
(after gain calibration) using Equation 49. The readings at unity
power factor should have been repeated after the gain
calibration and stored for use in the phase calibration routine.
Using Equation 37, the value written to APHCAL (0x3F), if at
50 Hz the FREQ (0x10) register = 2083d, is 21d.
21
07
.
s
6
.
9
2083
1
360
s
4
.
2
=
°
µ
×
×
°
×
µ
=
APHCAL
2
2
1
1
5
=
=
=
=
PF
PF
PF
xWATTHR
xWATTHR
xWATTHR
Error
(49)
Power Offset Calibration Using Line Accumulation
Power offset calibration should be used for outstanding
performance over a wide dynamic range (1,000:1). Calibration
of the power offset is done at or close to the minimum current.
The ADE7758 has power offset registers for watts and VAR,
xWATTOS (0x39 to 0x3B) and xVAROS (0x3C to 0x3E).
Offsets in the VA measurement are compensated by adjusting
the rms offset registers (see the Calibration of IRMS and VRMS
Offset section). Figure 83 shows the steps to calibrate the power
offsets using the line accumulation mode.
Step 5: Calculate the Phase Error in degrees using the following
equation.
()
=
°
3
Error
Arcsin
Error
Phase
(50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com