Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7758ARWRL Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7758ARWRL
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758ARWRL Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7758ARWRL Datasheet HTML 50Page - Analog Devices ADE7758ARWRL Datasheet HTML 51Page - Analog Devices ADE7758ARWRL Datasheet HTML 52Page - Analog Devices ADE7758ARWRL Datasheet HTML 53Page - Analog Devices ADE7758ARWRL Datasheet HTML 54Page - Analog Devices ADE7758ARWRL Datasheet HTML 55Page - Analog Devices ADE7758ARWRL Datasheet HTML 56Page - Analog Devices ADE7758ARWRL Datasheet HTML 57Page - Analog Devices ADE7758ARWRL Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
ADE7758
Rev. A | Page 54 of 68
Example—Calibration of RMS Offsets
For this example, ITEST = 10 A, IMAX = 100 A, VNOM = 220 V,
VFULLSCALE = 500 V, Power Factor = 1, and Frequency = 50 Hz.
With ITEST and VNOM, the example ADE7758 meter shows
0x34266 in the AIRMS (0x0A) register and 0x10B0A3 in the
AVRMS (0x0D) register. At IMAX/500, the example meter shows
0x19F in AIRMS. At VNOM/20, the example meter shows 0xD65B
in the AVRMS register. These are the average value of 20
samples synchronous to the zero crossings of all three phases.
Using this data, −3d is written to AVRMSOS (0x33) and −1004d
is written to AIRMSOS (0x36) registers according to the
Equation 56 and Equation 57.
×
−
=
384
,
16
1
xIRMSOS
() (
)
()
1104
88
.
1103
10
–
2
.
0
606
,
213
2
.
0
–
415
10
2
2
2
2
2
−
=
−
=
×
×
(
) (
)
()
3
047
.
3
220
–
11
795
,
093
,
1
11
–
54875
220
64
1
−
=
−
=
×
×
×
=
xVRMSOS
This example shows the calculations and measurements for
Phase A only. However, all three xIRMS and xVRMS registers
can be read simultaneously to compute the values for each
xIRMSOS and xVRMSOS register.
CHECKSUM REGISTER
The ADE7758 has a checksum register CHECKSUM[7:0]
(0x7E) to ensure the data bits received in the last serial read
operation are not corrupted. The 8-bit checksum register is
reset before the first bit (MSB of the register to be read) is put
on the DOUT pin. During a serial read operation, when each
data bit becomes available on the rising edge of SCLK, the bit is
added to the checksum register. In the end of the serial read
operation, the content of the checksum register is equal to the
sum of all the ones in the register previously read. Using the
checksum register, the user can determine if an error has
occurred during the last read operation. Note that a read to the
checksum register also generates a checksum of the checksum
register itself.
DOUT
ADDR: 0x7E
CHECKSUM
REGISTER
CONTENT OF REGISTERS
(N-BYTES)
Figure 85. Checksum Register for Serial Interface Read
ADE7758 INTERRUPTS
The ADE7758 interrupts are managed through the interrupt
status register (STATUS[23:0], Address 0x19) and the interrupt
mask register (MASK[23:0], Address 0x18). When an interrupt
event occurs in the ADE7758, the corresponding flag in the
interrupt status register is set to a Logic 1 (see Table 20). If the
mask bit for this interrupt in the interrupt mask register is
Logic 1, then the IRQ logic output goes active low. The flag bits
in the interrupt status register are set irrespective of the state of
the mask bits. To determine the source of the interrupt, the
system master (MCU) should perform a read from the reset
interrupt status register with reset. This is achieved by carrying
out a read from RSTATUS, Address 0x1A. The IRQ output goes
logic high on completion of the interrupt status register read
command (see the Interrupt Timing section). When carrying
out a read with reset, the ADE7758 is designed to ensure that no
interrupt events are missed. If an interrupt event occurs just as
the interrupt status register is being read, the event is not lost
and the IRQ logic output is guaranteed to go logic high for the
duration of the interrupt status register data transfer before
going logic low again to indicate the pending interrupt. Note
that the reset interrupt bit in the status register is high for only
one clock cycle; then it goes back to 0.
USING THE ADE7758 INTERRUPTS WITH AN MCU
Figure 87 shows a timing diagram that illustrates a suggested
implementation of ADE7758 interrupt management using an
MCU. At time t1, the IRQ line goes active low indicating that
one or more interrupt events have occurred in the ADE7758.
The IRQ logic output should be tied to a negative edge triggered
external interrupt on the MCU. On detection of the negative
edge, the MCU should be configured to start executing its
interrupt service routine (ISR). On entering the ISR, all
interrupts should be disabled using the global interrupt mask
bit. At this point, the MCU external interrupt flag can be
cleared in order to capture interrupt events that occur during
the current ISR. When the MCU interrupt flag is cleared, a read
from the reset interrupt status register with reset is carried out.
(This causes the IRQ line to be reset logic high (t2)—see the
Interrupt Timing section.) The reset interrupt status register
contents are used to determine the source of the interrupt(s) and
hence the appropriate action to be taken. If a subsequent
interrupt event occurs during the ISR (t3) that event is recorded
by the MCU external interrupt flag being set again. On
returning from the ISR, the global interrupt mask bit is cleared
(same instruction cycle) and the external interrupt flag uses the
MCU to jump to its ISR once again. This ensures that the MCU
does not miss any external interrupts. The reset bit in the status
register is an exception to this, and is only high for one clock
cycle after a reset event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com