Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADT7301ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7301ARMZ
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARMZ Datasheet(HTML) 4 Page - Analog Devices

  ADT7301ARMZ Datasheet HTML 1Page - Analog Devices ADT7301ARMZ Datasheet HTML 2Page - Analog Devices ADT7301ARMZ Datasheet HTML 3Page - Analog Devices ADT7301ARMZ Datasheet HTML 4Page - Analog Devices ADT7301ARMZ Datasheet HTML 5Page - Analog Devices ADT7301ARMZ Datasheet HTML 6Page - Analog Devices ADT7301ARMZ Datasheet HTML 7Page - Analog Devices ADT7301ARMZ Datasheet HTML 8Page - Analog Devices ADT7301ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADT7301
Preliminary Technical Data
Rev. PrJ | Page 4 of 14
TIMING CHARACTERISTICS
Guaranteed by design and characterization, not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD)
and timed from a voltage level of 1.6 V.
TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V, unless otherwise noted.
Table 2.
Parameter1
Limit
Unit
Comments
t1
5
ns min
CS to SCLK Setup Time
t2
25
ns min
SCLK High Pulse Width
t3
25
ns min
SCLK Low Pulse Width
t4 2
35
ns max
Data Access Time after SCLK Falling Edge
t5
20
ns min
Data Setup Time prior to SCLK Rising Edge
t6
5
ns min
Data Hold Time after SCLK Rising Edge
t7
5
ns min
CS to SCLK Hold Time
t82
40
ns max
CS to DOUT High Impedance
1 See Figure 13. for SPI Timing diagram.
2 Measured with the load circuit of Figure 2
1.6V
200
µA
200
µAIOH
IOL
TO
OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Data Access Time and Bus Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com