Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADT7301ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7301ARMZ
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADT7301ARMZ Datasheet HTML 1Page - Analog Devices ADT7301ARMZ Datasheet HTML 2Page - Analog Devices ADT7301ARMZ Datasheet HTML 3Page - Analog Devices ADT7301ARMZ Datasheet HTML 4Page - Analog Devices ADT7301ARMZ Datasheet HTML 5Page - Analog Devices ADT7301ARMZ Datasheet HTML 6Page - Analog Devices ADT7301ARMZ Datasheet HTML 7Page - Analog Devices ADT7301ARMZ Datasheet HTML 8Page - Analog Devices ADT7301ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Technical Data
ADT7301
Rev. PrJ | Page 5 of 14
ABSOLUTE MAXIMUM RATINGS
Table 3. ADT7301 Stress Ratings
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range1
−40°C to +150°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
6-Lead SOT-23 (RJ-6)
Power Dissipation2
WMAX = (TJMAX - TA3)/θJA
Thermal Impedance
θJA, Junction-to-Ambient (still air)
190.4°C/W
8-Lead MSOP (RM-8)
Power Dissipation2
WMAX = (TJMAX - TA3)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient (still air)
205.9°C/W
θJC, Junction-to-Case
43.74°C/W
IR Reflow Soldering
Peak Temperature
+220°C (−0/+5°C)
Time at Peak Temperature
10 s to 20 s
Ramp-up Rate
2°C/s to 3°C/s
Ramp-down Rate
−6°C/sec
1It is not recommended to operate the ADT7301 at temperatures above 125°C
for greater than a total of 5% of the lifetime of the device. Any exposure
beyond this limit will affect device reliability.
2Values relate to package being used on a standard 2-layer PCB. Reference
Figure 3 for a plot of maximum power dissipation versus ambient
temperature (TA).
3TA = ambient temperature
4Junction-to-case resistance is applicable to components featuring a
preferential flow direction, e.g., components mounted on a heat sink.
Junction-to-ambient resistance is more useful for air-cooled, PCB mounted
components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability
0
0.2
0.6
0.4
0.8
1.0
1.2
TEMPERATURE (°C)
SOT-23
MSOP
Figure 3. Plot of Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com