Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM1237 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 2Page - National Semiconductor (TI) LM1237 Datasheet HTML 3Page - National Semiconductor (TI) LM1237 Datasheet HTML 4Page - National Semiconductor (TI) LM1237 Datasheet HTML 5Page - National Semiconductor (TI) LM1237 Datasheet HTML 6Page - National Semiconductor (TI) LM1237 Datasheet HTML 7Page - National Semiconductor (TI) LM1237 Datasheet HTML 8Page - National Semiconductor (TI) LM1237 Datasheet HTML 9Page - National Semiconductor (TI) LM1237 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LM1253A Compatibility
In order to maintain register compatibility with the LM1253A preamplifier datasheet assignments for bias and brightness, the color
assignments are recommended as shown in Table 2. If datasheet compatibility is not required, then the DAC assignments can be
arbitrary.
TABLE 2. LM1253A Compatibility
DAC Bias Outputs
LM1237 Pin:
DAC 1
DAC 2
DAC 3
DAC 4
Assignment:
Blue
Green
Red
Brightness
OSD vs Video Intensity
The OSD amplitude has been increased over the LM1253A level. During monitor alignment, the three gain registers are used to
achieve the desired front of screen color balance. This also causes the OSD channels to be adjusted accordingly, since these are
inserted into the video channels prior to the gain attenuators. This provides the means to fine tune the intensity of the OSD relative
to the video as follows. If a typical starting point for the alignment is to have the gains at maximum (0x7F) and the contrast at 0x55,
the resultant OSD intensity will be higher than if the starting point is with the gains at 0x55 and the contrast at maximum (0x7F).
This tradeoff allows fine tuning the final OSD intensity relative to the video. In addition, the OSD contrast register, 0x8438 [4:3],
provides 4 major increments of intensity. Together, these allow setting the OSD intensity to the most pleasing level.
Typical Performance Characteristics V
CC = 5V, TA = 25˚C unless otherwise specified
System Interface Signals
The Horizontal and Vertical Blanking and the Clamping input signals are important for proper functionality of the LM1237. Both
blanking inputs must be present for OSD synchronization. In addition, the Horizontal blanking input also assists in setting the
proper cathode black level, along with the Clamping pulse. The Vertical blanking input initiates a blanking level at the LM1237
outputs which is programmable from 3 to 127 lines (we recommend at least 10). This can be optionally disabled so there is no
vertical blanking.
Figure 2 and Figure 3 show the case where the Horizontal and Vertical inputs are logic levels. Figure 2 shows the smaller pin 24
voltage superimposed on the horizontal blanking pulse input to the neck board with R
H = 4.7K and C17 = 0.1µF. Note where the
voltage at pin 24 is clamped to about 1 volt when the pin is sinking current. Figure 3 shows the smaller pin 1 voltage
superimposed on the vertical blanking input to the neck board with C
4 jumpered and RV = 4.7K. These component values
correspond to the application circuit of Figure 15.
20023454
FIGURE 2. Logic Horizontal Blanking
20023455
FIGURE 3. Logic Vertical Blanking
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com