Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM1237 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 7Page - National Semiconductor (TI) LM1237 Datasheet HTML 8Page - National Semiconductor (TI) LM1237 Datasheet HTML 9Page - National Semiconductor (TI) LM1237 Datasheet HTML 10Page - National Semiconductor (TI) LM1237 Datasheet HTML 11Page - National Semiconductor (TI) LM1237 Datasheet HTML 12Page - National Semiconductor (TI) LM1237 Datasheet HTML 13Page - National Semiconductor (TI) LM1237 Datasheet HTML 14Page - National Semiconductor (TI) LM1237 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Pin Descriptions and Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
22
ABL
The Automatic Beam Limiter input is biased to
the desired beam current limit by R
ABL and VBB
and normally keeps D
INT forward biased. When
the current resupplying the CRT capacitance
(averaged by C
ABL) exceeds this limit, then DINT
begins to turn off and the voltage at pin 22
begins to drop. The LM1237 then lowers the
gain of the three video channels until the beam
current reaches an equilibrium value.
23
CLAMP
This pin accepts either TTL or CMOS logic
levels. The internal switching threshold is
approximately one-half of V
CC. An external
series resistor, R
31, of about 1k is recommended
to avoid overdriving the input devices. In any
event, R
EXT must be large enough to prevent the
voltage at pin 23 from going higher than V
CC or
below GND.
24
H Flyback
Proper operation requires current reversal. R
H
should be large enough to limit the peak current
at pin 24 to about +4 ma during blanking, and
−500 µA during scan. C
17 is usually needed for
logic level inputs and should be large enough to
make the time constant, R
HC17 significantly
larger than the horizontal period. R
34 and C8 are
typically 300 ohms and 330 pf when the flyback
waveform has ringing and needs filtering. C
18
may be needed to filter extraneous noise and
can be up to 100 pF.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com