Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TME Datasheet(PDF) 1 Page - Copal Electronics

Part # TME
Description  Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TME Datasheet(HTML) 1 Page - Copal Electronics

  TME Datasheet HTML 1Page - Copal Electronics TME Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TME
Tactile Switches
■Features
1. Compatible With Lead-Free Soldering
Hea t-resistance resin f or lead-free soldering.
2. Washable
3. 2.54 mm Terminal Pins
4. Compatible with Automatic IC Insertion Machine
(Stick packaging, 50 pcs/stick)
5. 180
°Symmetric Terminal Pin Layout.
6. Anti-Static Electricity
Ground terminal is provided to prevent damage to element
caused by static electricity.
7. Metal contact for sharp tactile feel.
■ SpeciÄcations
Contact plating
Silver plated
Gold plated
Rating
Max.
1VA max.
(50mA max.48VDC max.)
Initial contact resistance
100m
Ω max.
{1.5mA 200μVAC at 1.96N
{200gf}
force
Dielectric strength
250VAC 1 minute
Insulation resistance 100M
Ω min.
(100VDC)
Electrical life
100,000 operations
Stroke
0.5
±0.3mm
Operating force
1.96
±0.98N
Operating
temperature range
−25∼+70℃
Storage
temperature range
−40∼+70℃
■Part Numbering
■Structure
TME G 1
− 01 − Z
Series code
Contact plating
Silver plated
Gold plated
None
G
Structure
Registration No.
RoHS Compliant
Washable


Similar Part No. - TME

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TME TOUCHSTONE-TME Datasheet
168Kb / 3P
DC/DC Converters
logo
TRACO Electronic AG
TME TRACOPOWER-TME Datasheet
868Kb / 4P
DC/DC Converter TME Series, 1 Watt
Rev. November 30, 2022
logo
California Eastern Labs
TME-101B00 CEL-TME-101B00 Datasheet
726Kb / 3P
TOKYO KEIKI Solid State High Power Oscillators
logo
Touchstone Semiconducto...
TME0303S TOUCHSTONE-TME0303S Datasheet
168Kb / 3P
DC/DC Converters
logo
TRACO Electronic AG
TME0303S TRACOPOWER-TME0303S Datasheet
868Kb / 4P
DC/DC Converter TME Series, 1 Watt
Rev. November 30, 2022
More results

Similar Description - TME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
Tactile Switches
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
Tactile Switches
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
Tactile Switches (SMT)
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
Illuminated Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
6x6mm tactile switches
CST12S0AT CAMDENBOSS-CST12S0AT Datasheet
339Kb / 1P
12x12mm tactile switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com