Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TME Datasheet(PDF) 2 Page - Copal Electronics

Part # TME
Description  Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TME Datasheet(HTML) 2 Page - Copal Electronics

  TME Datasheet HTML 1Page - Copal Electronics TME Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TME1
Part No.
Switching function
Circuit diagrams
TME1
−01−Z
TMEG1
−01−Z
OFF
(ON)
Connecting
terminals
−
⑵   ⑴
−
⑶   ⑷
■SPST
■Table of Part Numbers
Contact plating
Part No.
Silver plated
TME1
−01−Z
Gold plated
TMEG1
−01−Z
■PC Hole Layouts
■Flux Cleaning …………………… See page 229.
■Packaging SpeciÄcations
Stick speciÄcation
(ON)
:Momentary
■Soldering SpeciÄcations
⑴Manual Soldering
Device : Soldering iron
 380°
C
±10°
C; 3
±0.5 seconds
⑵Auto Soldering
Device:Jet wave type or dip type
275
°
C; 6 seconds, Max.
・Preheating should be at 80°
C to 120
°
C, max.,
within 120 seconds.
⑶When soldering two or more terminals to the
common land, use solder resist to solder them
independently.
(13)
・Terminal (E) to be connected
to Ground. Terminal (E) is
connected to the metal frame.
The blue line shows the outline of the switch.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com