Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M9330A Datasheet(PDF) 8 Page - Keysight Technologies

Part # M9330A
Description  Arbitrary Waveform Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9330A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button M9330A Datasheet HTML 4Page - Keysight Technologies M9330A Datasheet HTML 5Page - Keysight Technologies M9330A Datasheet HTML 6Page - Keysight Technologies M9330A Datasheet HTML 7Page - Keysight Technologies M9330A Datasheet HTML 8Page - Keysight Technologies M9330A Datasheet HTML 9Page - Keysight Technologies M9330A Datasheet HTML 10Page - Keysight Technologies M9330A Datasheet HTML 11Page - Keysight Technologies M9330A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
08
Keysight M9330A Arbitrary Waveform Generator
KEY CHARACTERISTICS CONTINUED
1. A sync clock cycle is clock/8.
Scenario jump modes
Scenario jumps determine how a sequence responds to a jump trigger.
There are no discontinuities in a scenario jump other than those imposed
by the waveform data. Three modes are available to control scenario
jumps:
Jump immediate
– Jumps immediately to the next specifie scenario address with a
fixed latency.
End of waveform
– The current waveform (including repeats) is completed before
jumping to a new scenario.
End of scenario
– The current scenario is completed before jumping to a new scenario.
Jump latency is the longer of either the jump immediate latency or
the length of the remaining scenario.
Dynamic Sequencing (Option 300)
Input
20-pin mini-D connector
Input levels
All pins configured as 2.5 volt LVCMOS inputs. A logic low must fall
within the –0.2 to +0.5 volt window. A logic high must be within the
window of +2.0 to +2.8 volts.
Number of address bits
13 bits per channel
Total number of addressable
Scenarios 16 k
Data rate for dynamic data
100 ns
Data latency
Same as front panel trigger inputs.
Software pointers may also be used to point to pre-defined scenarios
over the PCI backplane though latencies are not deterministic.
Direct Digital Synthesis (Option 330)
Output frequency resolution
1 Hz
Frequency modulation
Deviation from 0 to 125 MHz (250 MHz peak-peak)
Phase modulation
Deviation from –180 to +180 degrees in 0.022 degree steps
Amplitude modulation
Modulation depth from 0 to 100% with 15-bit resolution
Single channel bandwidth
400 MHz (800 MHz I/Q)
External triggers
Number of inputs
8 each (4 SMB female frontpanel connectors plus four software
triggers over the PCI backplane from host processor)
Trigger polarity
Negative/positive
Trigger impedance
2k Ω
Maximum input level
±4.5 volts
Input sensitivity
250 mV
Trigger threshold
–4.3 volts to +4.3 volts
Trigger timing resolution
Clock/8 (6.4 ns at full rate)
Trigger latency
34* clock/8 (217.6 ns at full rate)
Trigger uncertainty
< 50 ps
Minimum trigger width
12.8 ns at full clock rate
Trigger delay
Programmable from 1 to 256 sync clock cycles with 1 sync clock cycle
resolution 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com