Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M9330A Datasheet(PDF) 9 Page - Keysight Technologies

Part # M9330A
Description  Arbitrary Waveform Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9330A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button M9330A Datasheet HTML 4Page - Keysight Technologies M9330A Datasheet HTML 5Page - Keysight Technologies M9330A Datasheet HTML 6Page - Keysight Technologies M9330A Datasheet HTML 7Page - Keysight Technologies M9330A Datasheet HTML 8Page - Keysight Technologies M9330A Datasheet HTML 9Page - Keysight Technologies M9330A Datasheet HTML 10Page - Keysight Technologies M9330A Datasheet HTML 11Page - Keysight Technologies M9330A Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
09
Keysight M9330A Arbitrary Waveform Generator
KEY CHARACTERISTICS CONTINUED
External markers
Markers can be defined for each waveform segment.
Number of outputs
4 each SMB female
Marker polarity
Negative, positive
Output impedance
50 Ω
Marker low level
100 mV nominal into high impedance load
Marker high level
3.2 volts nominal into high impedance load
Marker timing resolution
Clock/8 (6.4 ns at full rate)
Marker latency
Marker precedes analog output and is adjustable in 2 sample clock
period steps.
Marker latency repeatability
< 100 ps
Marker width
Programmable with from 1 to 256 sync clock cycles 1
Marker delay
Programmable from –8 to 502 sample clock cycles, with 2 sample clock
cycle resolution
Module synchronization
Supports system scaling for any number of M9330A modules. A single module can support fan-out of 8 M9330A modules for precise triggering and
repeatability. Driver boards may be used to scale any number of modules.
Sync clock output level
800 mV p-p (50 Ω, AC coupled)
Sync clock input sensitivity
100 mV p-p minimum into 50 Ω AC coupled
Analog output
Output connector
SMA female
Output impedance
50 Ω
Analog output levels
The following output levels are specified into 50 Ω
Differential
Passive mode
0.5 Vp-p
N/A
Active mode
1 Vp-p with
N/A
±0.2 V offset
N/A
Direct DAC mode
N/A
1 Vp-p (0 volt offset)
Corrected passband flatness
±1 dB DC - 200 MHz ±2.5 dB DC - 500 MHz (with 1.25 GHz clock)
Corrected passband group delay
±500 ps DC - 200 MHz ±1 ns DC - 500 MHz (with 1.25 GHz clock)
Reconstruction filters
500 MHz and 250 MHz realized as 7-pole Cauer Chebychev filters plus
thru-line output
Pulse response
Rise time
Rise time (10 to 90%): < 1 ns
Fall time
Fall time (10 to 90%): < 1 ns
Amplitude
Amplitude: 0.5 Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com