Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP1661 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1661 Datasheet HTML 1Page - Microchip Technology MCP1661 Datasheet HTML 2Page - Microchip Technology MCP1661 Datasheet HTML 3Page - Microchip Technology MCP1661 Datasheet HTML 4Page - Microchip Technology MCP1661 Datasheet HTML 5Page - Microchip Technology MCP1661 Datasheet HTML 6Page - Microchip Technology MCP1661 Datasheet HTML 7Page - Microchip Technology MCP1661 Datasheet HTML 8Page - Microchip Technology MCP1661 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2014-2015 Microchip Technology Inc.
DS20005315B-page 1
MCP1661
Features
•36V, 800 m
 Integrated Switch
• Up to 92% Efficiency
• High Output Voltage Range: up to 32V
• 1.3A Peak Input Current Limit:
-IOUT > 200 mA @ 5.0V VIN, 12V VOUT
-IOUT > 125 mA @ 3.3V VIN, 12V VOUT
-IOUT > 100 mA @ 4.2V VIN, 24V VOUT
• Input Voltage Range: 2.4V to 5.5V
• Undervoltage Lockout (UVLO):
-UVLO @ VIN Rising: 2.3V, typical
-UVLO @ VIN Falling: 1.85V, typical
• No Load Input Current: 250 µA, typical
• Sleep mode with 200 nA Typical Quiescent
Current
• PWM Operation with Skip mode: 500 kHz
• Feedback Voltage Reference: VFB = 1.227V
• Cycle-by-Cycle Current Limiting
• Internal Compensation
• Inrush Current Limiting and Internal Soft Start
• Output Overvoltage Protection (OVP) in the event
of:
- Feedback pin shorted to GND
- Disconnected feedback divider
• Overtemperature Protection
• Easily Configurable for SEPIC or Flyback
Topologies
• Available Packages:
- 5-Lead SOT-23
- 8-Lead 2x3 TDFN
Applications
• Two and Three-Cell Alkaline, Lithium Ultimate and
NiMH/NiCd Portable Products
• Single-Cell Li-Ion to 5V, 12V or 24V Converters
• LCD Bias Supply for Portable Applications
• Camera Phone Flash
• Portable Medical Equipment
• Hand-Held Instruments
• Single-Cell Li-Ion to 3.0V or 3.3V SEPIC
Applications (see Figure 6-3)
General Description
The MCP1661 device is a compact, high-efficiency,
fixed-frequency, non-synchronous step-up DC-DC
converter which integrates a 36V, 800 m
 NMOS
switch. It provides a space-efficient high-voltage
step-up power supply solution for applications powered
by either two-cell or three-cell alkaline, Ultimate Lithium,
NiCd, NiMH, one-cell Li-Ion or Li-Polymer batteries.
The integrated switch is protected by the 1.3A
cycle-by-cycle inductor peak current limit operation.
There is an output overvoltage protection which turns
off switching in case the feedback resistors are
accidentally disconnected or the feedback pin is
short-circuited to GND.
Low-voltage technology allows the regulator to start-up
without high inrush current or output voltage overshoot
from a low-voltage input. The device features a UVLO
which avoids start-up and operation with low inputs or
discharged batteries for two cell-powered applications.
For standby applications (EN = GND), the device stops
switching, enters Sleep mode and consumes 200 nA
(typical) of input current.
MCP1661 is easy to use and allows creating classic
boost, SEPIC or flyback DC-DC converters within a
small
Printed
Circuit
Board
(PCB)
area.
All
compensation and protection circuitry is integrated to
minimize the number of external components. Ceramic
input and output capacitors are used.
Package Types
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SW
EN
VIN
GND
MCP1661
SOT-23
VFB
MCP1661
2x3 TDFN*
1
2
3
5
4
SW
SGND
NC
PGND
NC
1
2
3
4
8
7
6
5 VIN
EN
VFB
EP
9
High-Voltage Integrated Switch PWM Boost Regulator with UVLO


Similar Part No. - MCP1661

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1662 MICROCHIP-MCP1662 Datasheet
614Kb / 28P
High-Voltage Step-Up LED Driver with UVLO and Open Load Protection
07/14/15
MCP1662T-E/MN MICROCHIP-MCP1662T-E/MN Datasheet
614Kb / 28P
High-Voltage Step-Up LED Driver with UVLO and Open Load Protection
07/14/15
MCP1662T-E/OT MICROCHIP-MCP1662T-E/OT Datasheet
614Kb / 28P
High-Voltage Step-Up LED Driver with UVLO and Open Load Protection
07/14/15
MCP1663 MICROCHIP-MCP1663 Datasheet
429Kb / 32P
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
01/27/15
MCP1664 MICROCHIP-MCP1664 Datasheet
783Kb / 28P
MCP1664 LED Driver Evaluation Board
01/27/15
More results

Similar Description - MCP1661

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
Boost Regulator with Integrated Schottky and Input Disconnect Switch
February 22, 2008
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
Integrated 4A Switch PWM Step-Up Regulator
April 2, 2010
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
Automotive Boost Regulator with 4A Integrated Switch
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
Boost Regulator with Integrated Schottky and Input Disconnect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com