Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP1661 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1661 Datasheet HTML 1Page - Microchip Technology MCP1661 Datasheet HTML 2Page - Microchip Technology MCP1661 Datasheet HTML 3Page - Microchip Technology MCP1661 Datasheet HTML 4Page - Microchip Technology MCP1661 Datasheet HTML 5Page - Microchip Technology MCP1661 Datasheet HTML 6Page - Microchip Technology MCP1661 Datasheet HTML 7Page - Microchip Technology MCP1661 Datasheet HTML 8Page - Microchip Technology MCP1661 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP1661
DS20005315B-page 2
 2014-2015 Microchip Technology Inc.
Typical Applications
V IN
GND
V FB
V OUT
12V, 75 mA-125 mA
C OUT
4.7-10 μF
C IN
4.7-10 μF
L
4.7 μH
SW
1.05 M
Ω
120 k
Ω
EN
+
-
ON
OFF
+
-
R TOP
R BOT
V IN
2.4V
-3.0V
D
MCP1661
PMEG2005
D
V = 1.227V
FB
V IN
GND
V FB
V OUT
24V, 50 mA-125 mA
C OUT
10 μF
C IN
10 μF
L
10 μH
SW
1.05 M
Ω
56 k
Ω
EN
+
-
+
-
R TOP
R BOT
V IN
3.0V
- 4.2V
D
MCP1661
MBR0540
D
0
50
100
150
200
250
300
2.4
2.8
3.2
3.6
4
4.4
4.8
V
IN (V)
V
OUT = 12V
V
OUT = 24V
Maximum Output Current vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com