Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC654 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 3 Page - Microchip Technology

  TC654 Datasheet HTML 1Page - Microchip Technology TC654 Datasheet HTML 2Page - Microchip Technology TC654 Datasheet HTML 3Page - Microchip Technology TC654 Datasheet HTML 4Page - Microchip Technology TC654 Datasheet HTML 5Page - Microchip Technology TC654 Datasheet HTML 6Page - Microchip Technology TC654 Datasheet HTML 7Page - Microchip Technology TC654 Datasheet HTML 8Page - Microchip Technology TC654 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 3
TC654/TC655
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings *
VDD...................................................................................6.5V
Input Voltages ...................................... -0.3V to (VDD + 0.3V)
Output Voltages .................................... -0.3V to (VDD + 0.3V)
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Maximum Junction Temperature, TJ ............................. 150°C
ESD protection on all pins
4kV
*Notice: Stresses above those listed under “Maximum rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
Name
Function
VIN
Analog Input
CF
Analog Output
SCLK
Serial Clock Input
SDA
Serial Data In/Out (Open Drain)
GND
Ground
FAULT
Digital (Open Drain) Output
SENSE2
Analog Input
SENSE1
Analog Input
VOUT
Digital Output
VDD
Power Supply Input
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all limits are specified for VDD = 3.0V to 5.5V,
-40°C <TA < +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
3.0
—
5.5
V
Operating Supply Current
IDD
—
150
300
µA
Pins 7, 8, 9 Open
Shutdown Mode Supply Current
IDDSHDN
—
5
10
µA
Pins 7, 8, 9 Open
VOUT PWM Output
VOUT Rise Time
tR
—
—
50
µsec
IOH = 5 mA, Note 1
VOUT Fall Time
tF
—
—
50
µsec
IOL = 1 mA, Note 1
Sink Current at VOUT Output
IOL
1.0
—
—
mA
VOL = 10% of VDD
Source Current at VOUT Output
IOH
5.0
—
—
mA
VOH = 80% of VDD
PWM Frequency
F
26
30
34
Hz
CF = 1 µF
VIN Input
VIN Input Voltage for 100% PWM
duty-cycle
VC(MAX)
2.45
2.6
2.75
V
VC(MAX) - VC(MIN)
VCRANGE
1.25
1.4
1.55
V
VIN Input Resistance
—
10M
—
VDD = 5.0V
VIN Input Leakage Current
IIN
-1.0
—
+1.0
µA
SENSE Input
SENSE Input Threshold Voltage with
Respect to GND
VTHSENSE
80
100
120
mV
FAULT Output
FAULT Output LOW Voltage
VOL
——
0.3
V
IOL = 2.5 mA
FAULT Output Response Time
tFAULT
—2.4
—
sec
Fan RPM-to-Digital Output
Fan RPM ERROR
-15
—
+15
%
RPM > 1600
Note 1: Not production tested, ensured by design, tested during characterization.
2: For 5.0V > VDD  5.5V, the limit for VIH = 2.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com