Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC654 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC654 Datasheet HTML 6Page - Microchip Technology TC654 Datasheet HTML 7Page - Microchip Technology TC654 Datasheet HTML 8Page - Microchip Technology TC654 Datasheet HTML 9Page - Microchip Technology TC654 Datasheet HTML 10Page - Microchip Technology TC654 Datasheet HTML 11Page - Microchip Technology TC654 Datasheet HTML 12Page - Microchip Technology TC654 Datasheet HTML 13Page - Microchip Technology TC654 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TC654/TC655
DS20001734C-page 10
 2002-2014 Microchip Technology Inc.
4.1
Fan Speed Control Methods
The speed of a DC brushless fan is proportional to the
voltage across it. For example, if a fan’s rating is
5000 RPM at 12V, it’s speed would be 2500 RPM at 6V.
This, of course, will not be exact, but should be close.
There are two main methods for fan speed control. The
first is pulse width modulation (PWM) and the second
is linear. Using either method the total system power
requirement to run the fan is equal. The difference
between the two methods is where the power is
consumed.
The following example compares the two methods for
a 12V, 120 mA fan running at 50% speed. With 6V
applied across the fan, the fan draws an average cur-
rent of 68 mA. Using a linear control method, there are
6V across the fan and 6V across the drive element.
With 6V and 68 mA, the drive element is dissipating
410 mW of power. Using the PWM approach, the fan is
modulated at a 50% duty cycle, with most of the 12V
being dropped across the fan. With 50% duty cycle, the
fan draws an RMS current of 110 mA and an average
current of 72 mA. Using a MOSFET with a 1
 RDS
(on)
(a fairly typical value for this low current) the power dis-
sipation in the drive element would be: 12 mW (Irms2 *
RDS(on)). Using a standard 2N2222A NPN transistor
(assuming a Vce-sat of 0.8V), the power dissipation
would be 58 mW (Iavg* Vce-sat).
The PWM approach to fan speed control causes much
less power dissipation in the drive element. This allows
smaller devices to be used and will not require any spe-
cial heatsinking to get rid of the power being dissipated
in the package.
The other advantage to the PWM approach is that the
voltage being applied to the fan is always near 12V.
This eliminates any concern about not supplying a high
enough voltage to run the internal fan components,
which is very relevant in linear fan speed control.
4.2
PWM Fan Speed Control
The TC654 and TC655 devices implement PWM fan
speed control by varying the duty cycle of a fixed fre-
quency pulse train. The duty cycle of a waveform is the
on time divided by the total period of the pulse. For
example, given a 100 Hz waveform (10 msec.) with an
on time of 5.0 msec, the duty cycle of this waveform is
50% (5.0 msec/10.0 msec). An example of this is
illustrated in Figure 4-2.
FIGURE 4-2:
Duty Cycle Of A PWM
Waveform.
The TC654 and TC655 generate a pulse train with a
typical frequency of 30 Hz (CF = 1 µF). The duty cycle
can be varied from 30% to 100%. The pulse train gen-
erated by the TC654/TC655 devices drives the gate of
an external N-channel MOSFET or the base of an NPN
transistor (Figure 4-3). See Section 7.5 “Output Drive
Device Selection” for more information on output
drive device selection.
FIGURE 4-3:
PWM Fan Drive.
By modulating the voltage applied to the gate of the
MOSFET Qdrive, the voltage applied to the fan is also
modulated. When the VOUT pulse is high, the gate of
the MOSFET is turned on, pulling the voltage at the
drain of Qdrive to 0V. This places the full 12V across
the fan for the Ton period of the pulse. When the duty
cycle of the drive pulse is 100% (full on, Ton = T), the
fan will run at full speed. As the duty cycle is decreased
(pulse on time “Ton” is lowered), the fan will slow down
proportionally. With the TC654 and TC655 devices, the
duty cycle can be controlled through the analog input
pin (VIN) or through the SMBus interface by using the
Duty-Cycle Register. See Section 4.5 “Duty Cycle
Control (VIN and Duty-Cycle Register)” for more
details on duty cycle control.
T
Ton
Toff
T = Period
T = 1/F
F = Frequency
D = Duty Cycle
D = Ton / T
TC654/
TC655
FAN
12V
Qdrive
VDD
GND
VOUT
G
D
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com