Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8025 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP8025 Datasheet HTML 4Page - Microchip Technology MCP8025 Datasheet HTML 5Page - Microchip Technology MCP8025 Datasheet HTML 6Page - Microchip Technology MCP8025 Datasheet HTML 7Page - Microchip Technology MCP8025 Datasheet HTML 8Page - Microchip Technology MCP8025 Datasheet HTML 9Page - Microchip Technology MCP8025 Datasheet HTML 10Page - Microchip Technology MCP8025 Datasheet HTML 11Page - Microchip Technology MCP8025 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
MCP8025/6
DS20005339B-page 8
 2016 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VDD.............................(GND – 0.3V) to +46.0V
Input Voltage, < 100 ms Transient ...............................+48.0V
Internal Power Dissipation ...........................Internally-Limited
Operating Ambient Temperature Range .......-40°C to +150°C
Operating Junction Temperature (Note 1) ....-40°C to +160°C
Transient Junction Temperature (Note 2) ................... +170°C
Storage Temperature (Note 1) ......................-55°C to +150°C
Digital I/O .......................................................... -0.3V to 5.5V
LV Analog I/O .................................................... -0.3V to 5.5V
VBx ...................................................(GND – 0.3V) to +46.0V
PHx, HSx ..........................................(GND – 5.5V) to +46.0V
ESD and Latch-Up Protection:
VDD, LIN_BUS/HV_IN1
 8 kV HBM and  750V CDM
All other pins .....................
 2 kV HBM and  750V CDM
Latch-up protection – all pins .............................. > 100 mA
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
Note 1:
The maximum allowable power dissipation
is a function of ambient temperature, the
maximum allowable junction temperature
and the thermal resistance from junction to
air (i.e., TA, TJ, JA). Exceeding the maxi-
mum allowable power dissipation may
cause the device operating junction tem-
perature to exceed the maximum 160°C
rating. Sustained junction temperatures
above 150°C can impact the device reliabil-
ity and ROM data retention.
2:
Transient junction temperatures should not
exceed one second in duration. Sustained
junction temperatures above 170°C may
impact the device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD = 13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
POWER SUPPLY INPUT
Input Operating Voltage
VDD
6.0
—
19.0
V
Operating (MCP8025)
6.0
—
28.0
Operating (MCP8026)
6.0
—
40.0
Shutdown
4.0
—
32.0
Buck Operating Range
Transient Maximum Voltage
VDDmax
——
48.0
V
< 100 ms
Input Current (MCP8025)
IDD
——
—
µA
VDD >13V
—
5
15
Sleep mode
—
175
—
Standby, CE = 0V, TJ =-45°C
—
175
—
Standby, CE = 0V, TJ =+25°C
—
195
300
Standby, CE = 0V, TJ = +150°C
—
940
—
Active, CE > VDIG_HI_TH
—
1150
—
Active, VDD =6V, TJ =+25°C
Input Current (MCP8026)
IDD
——
—
µA
VDD >13V
—
5
15
Sleep mode
—
120
—
Standby, CE = 0V, TJ =-45°C
—
120
—
Standby, CE = 0V, TJ =+25°C
—
144
300
Standby, CE = 0V, TJ = +150°C
—
950
—
Active, CE > VDIG_HI_TH
—
1090
—
Active, VDD =6V, TJ =+25°C
Digital Input/Output
DIGITALI/O
0—
5.5
V
Digital Open-Drain Drive
Strength
DIGITALIOL
—1
—
mA
VDS <50mV
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com