Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP8025 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP8025
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8025 Datasheet(HTML) 1 Page - Microchip Technology

  MCP8025 Datasheet HTML 1Page - Microchip Technology MCP8025 Datasheet HTML 2Page - Microchip Technology MCP8025 Datasheet HTML 3Page - Microchip Technology MCP8025 Datasheet HTML 4Page - Microchip Technology MCP8025 Datasheet HTML 5Page - Microchip Technology MCP8025 Datasheet HTML 6Page - Microchip Technology MCP8025 Datasheet HTML 7Page - Microchip Technology MCP8025 Datasheet HTML 8Page - Microchip Technology MCP8025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 1
MCP8025/6
Features
• AEC-Q100 Grade 0 Qualified
• Quiescent Current:
- Sleep Mode: 5 µA Typical
- Standby Mode: < 200 µA
• LIN Transceiver Interface (MCP8025):
- Compliant with LIN Bus Specifications 1.3,
2.2, and SAE J2602
- Supports baud rates up to 20K baud
- Internal pull-up resistor and diode
- Protected against ground shorts
- Protected against loss of ground
- Automatic thermal shutdown
- LIN Bus dominant timeout
• Three Half-Bridge Drivers Configured to Drive
External High-Side NMOS and Low-Side NMOS
MOSFETs:
- Independent input control for high-side
NMOS and low-side NMOS MOSFETs
- Peak output current: 0.5A @ 12V
- Shoot-through protection
- Overcurrent and short-circuit protection
• Adjustable Output Buck Regulator (750 mW)
• Fixed Output Linear Regulators:
- 5V @ 30 mA
-12V @ 30 mA
• Operational Amplifiers:
- one in MCP8025
- three in MCP8026
• Overcurrent Comparator with DAC Reference
• Phase Comparator with Multiplexer (MCP8025)
• Neutral Simulator (MCP8025)
• Level Translators (MCP8026)
• Input Voltage Range: 6V to 40V
• Operational Voltage Range:
- 6V to 19V (MCP8025)
- 6V to 28V (MCP8026)
• Buck Regulator Undervoltage Lockout: 4.0V
• Undervoltage Lockout (UVLO): 5.5V (except Buck)
• Overvoltage Lockout (OVLO)
-20V (MCP8025)
-32V (MCP8026)
• Transient (100 ms) Voltage Tolerance: 48V
• Extended Temperature Range (TA): -40 to +150°C
• Thermal Shutdown
Applications
• Automotive Fuel, Water, Ventilation Motors
• Home Appliances
• Permanent Magnet Synchronous Motor (PMSM)
Control
• Hobby Aircraft, Boats, Vehicles
Description
The MCP8025/6 devices are 3-phase brushless DC
(BLDC) power modules containing three integrated
half-bridge drivers capable of driving three external
NMOS/NMOS transistor pairs. The three half-bridge
drivers are capable of delivering a peak output current
of 0.5A at 12V for driving high-side and low-side NMOS
MOSFET transistors. The drivers have shoot-through,
overcurrent and short-circuit protection. A Sleep mode
has been added to achieve a typical “key-off” quiescent
current of 5 µA.
The MCP8025 device integrates a comparator, a buck
voltage regulator, two
LDO regulators,
power
monitoring comparators, an overtemperature sensor, a
LIN transceiver, a zero-crossing detector, a neutral
simulator and an operational amplifier for motor current
monitoring. The phase comparator and multiplexer
allow for hardware commutation detection. The neutral
simulator allows commutation detection without a
neutral tap in the motor. The buck converter is capable
of delivering 750 mW of power for powering a
companion microcontroller. The buck regulator may be
disabled if not used. The on-board 5V and 12V
low-dropout voltage regulators are capable of
delivering 30 mA of current.
The MCP8026 replaces the LIN transceiver, neutral
simulator and zero-crossing detector in MCP8025 with
two level shifters and two additional op amps.
The MCP8025/6 operation is specified over a
temperature range of -40°C to +150°C.
Package options include 40-lead 5x5 QFN and 48-lead
7x7 TQFP with Exposed Pad (EP).
3-Phase Brushless DC (BLDC) Motor Gate Driver
with Power Module, Sleep Mode, and LIN Transceiver


Similar Part No. - MCP8025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP8021 MICROCHIP-MCP8021 Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021-3315H/KEXVAO MICROCHIP-MCP8021-3315H/KEXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-3315H/9PXVAO MICROCHIP-MCP8021T-3315H/9PXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-3315H/KEXVAO MICROCHIP-MCP8021T-3315H/KEXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
MCP8021T-5015H/9PXVAO MICROCHIP-MCP8021T-5015H/9PXVAO Datasheet
1Mb / 66P
3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
Revision D April 2024
More results

Similar Description - MCP8025

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
logo
Toshiba Semiconductor
TB9068FG TOSHIBA-TB9068FG Datasheet
1Mb / 29P
3-phase DC Brushless Motor Driver with LIN Driver and 5V Regulator
2019-07-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com