Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REC Datasheet(PDF) 1 Page - Copal Electronics

Part # REC
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC Datasheet(HTML) 1 Page - Copal Electronics

  REC Datasheet HTML 1Page - Copal Electronics REC Datasheet HTML 2Page - Copal Electronics REC Datasheet HTML 3Page - Copal Electronics REC Datasheet HTML 4Page - Copal Electronics REC Datasheet HTML 5Page - Copal Electronics REC Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MANUAL SETTING TYPE OPTICAL ENCODERS
FEATURES
O Contactless, manual adjustment only
O Compact, light weight
O With click (REC20, REC20C, REC20D, RECW20D)
O Panel seal type (RESW20D, RECW20D)
O RoHS compliant
PART NUMBER DESIGNATION
RE C W 20 D - 50 - 201 - 1
Series name
Click
C:With click
S:Without click
Panel seal
φ 20 mm
Size
W:Panel seal (With O ring)
Blank
:Non Panel seal
Output connection
1:Cable wire
Output phase
2“A” & “B”
Resolution (P/R)
Model
25, 50
REC/RES
RoHS compliant
LIST OF PART NUMBERS
Resolution
50 (P/R)
100 (P/R)
50 (P/R)
100 (P/R)
25 (P/R)
50 (P/R)
25 (P/R)
50 (P/R)
ltem
Output wave form
Saturated wave
Pseudosquare wave
Pin terminal
Without click
Non Panel seal
RES20-50-200
RES20-100-200
RES20-50-200-Z
RES20-100-200-Z
REC20-25-201-1
REC20D-25-201-1
RES20B-25-201-1
RES20D-25-201-1
RES20D-50-201-1
REC20C-50-201-1
REC20D-50-201-1
RESW20D-25-201-1
RECW20D-25-201-1
RESW20D-50-201-1
RECW20D-50-201-1
Panel seal
Without click
With click
Without click
With click
Without click
With click
Without click
With click
Cable wire
Square wave
Output terminal
Click
Panel seal
Part number
※ Verify the above part numbers when placing orders.
The knob is available.


Similar Part No. - REC

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
REC-012M OMEGA-REC-012M Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
REC-034M OMEGA-REC-034M Datasheet
1Mb / 3P
High-Accuracy Stainless Steel Cantilever Beams
logo
List of Unclassifed Man...
REC-2740 ETC2-REC-2740 Datasheet
224Kb / 4P
IP67-rated Fanless Embedded Box PC with Intel짰 Core짰 i7-2610UE CPU
logo
Infinite Electronics In...
REC-M84MR-LEADS L-COM-REC-M84MR-LEADS Datasheet
51Kb / 1P
M84M REAR IP67 24AWG PVC LEADS
6/17/16
REC098F L-COM-REC098F Datasheet
61Kb / 1P
OUTLINE DRAWING
5/24/2001
More results

Similar Description - REC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
Panel Mount Optical Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
Optical Encoders
logo
Copal Electronics
REC16K COPAL-REC16K Datasheet
112Kb / 5P
MANUAL SETTING TYPE OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
OPTICAL ENCODERS
RE12D COPAL-RE12D Datasheet
63Kb / 2P
OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
OPTICAL ENCODERS
REC16 COPAL-REC16 Datasheet
123Kb / 4P
MANUAL SETTING TYPE OPTICAL ENCODERS
REC16D COPAL-REC16D Datasheet
107Kb / 4P
MANUAL SETTING TYPE OPTICAL ENCODERS
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
MANUAL SETTING TYPE MAGNETIC ENCODERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com