Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REC Datasheet(PDF) 6 Page - Copal Electronics

Part # REC
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC Datasheet(HTML) 6 Page - Copal Electronics

  REC Datasheet HTML 1Page - Copal Electronics REC Datasheet HTML 2Page - Copal Electronics REC Datasheet HTML 3Page - Copal Electronics REC Datasheet HTML 4Page - Copal Electronics REC Datasheet HTML 5Page - Copal Electronics REC Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IC
Vcc 5 V (Red)
0 V (Black)
Output “A” (White)
“B” (Green)
4.7 k
Ω
1 k
Ω
Vcc 5 V (Red)
Output
0 V (Black)
“A” (White)
“B” (Green)
Vcc 5 V
A
B
0
85
Ω min.
Vcc 5 V
Output “A”
Output “B”
GND
120
Ω
15 k
Ω
15 k
Ω
+5 V
Output “A”
Output “B”
0 V
Comp.
Comp.
R
R
10 k
Ω
5 k
Ω
5 k
Ω
V
A
B
G
85
Ω min.
10 k
Ω
REC/RES
OPTICAL ENCODERS
O REC20/RES20B/REC20C
OUTPUT CIRCUIT
O RES20D/REC20D/RESW20D/RECW20D
O RES20
O RES20-Z
O RES20
EXTERNAL SCHEMATICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com