Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST24 Datasheet(PDF) 8 Page - Power System Technology

Part # PST24
Description  Standard product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST24 Datasheet(HTML) 8 Page - Power System Technology

  PST24 Datasheet HTML 1Page - Power System Technology PST24 Datasheet HTML 2Page - Power System Technology PST24 Datasheet HTML 3Page - Power System Technology PST24 Datasheet HTML 4Page - Power System Technology PST24 Datasheet HTML 5Page - Power System Technology PST24 Datasheet HTML 6Page - Power System Technology PST24 Datasheet HTML 7Page - Power System Technology PST24 Datasheet HTML 8Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PST24 Rev. 01
Page 8 of 8
www.powersystemtechnology.com
Pout max : 240W
IN max : see table page 2
PST24
Vout
Pout
Option
N
2V5
3V3
5
12
15
24
32
48
N
120
H
T
V
V1
H : heatsink
T : -55°C
V : Conformal coating
Options and configurations
Vin
24
28
48
Vout
Pout
N
2V5
3V3
5
12
15
24
32
48
N
120
V2
Vout
Pout
N
2V5
3V3
5
N
10
V3
Note: For intermediary voltage ( 13,2Vdc for example), please specify 13V2 in corresponding output of the part
number to receive the converter adjusted and tested at this voltage in our factory.
Electric Strength
ĀȀ̀Ѐ̀Ԁ؀܀Ѐࠀऀ؀ࠀԀ
਀଀ఀഀ؀฀؀ༀ฀က̀Ѐ؀Ȁ
ᄀ଀ࠀ؀
ĀȀ̀ЀԀ؀܀̀ࠀऀȀ؀Ԁࠀ਀
଀ఀഀഀ
଀ఀഀഀ
ఀഀഀ
฀ༀက
ᄀऀሀ̀
଀ഀഀഀ
଀ഀഀഀ
ఀഀഀ
฀ༀက
ᄀጀ᐀
ᔀ؀̀ᘀᜀ᠀ࠀЀᤀ؀܀ऀȀ̀Ѐ̀ࠀ᠀؀᐀Ȁ
ᨀ܀଀ഀഀ
฀ༀက
ᬀᤀ਀ሀ̀
਀଀ఀഀ؀฀؀ༀ฀
ሀഀ؀ఀഀ؀
ሀഀ؀ఀഀ؀฀؀ༀ฀
က̀Ѐ؀Ȁ
ሀഀ؀ఀഀ؀฀؀ༀ฀
ሀഀ؀ఀഀ؀
ᰀᜀȀ᐀ࠀऀЀ᐀܀
̀ࠀऀȀ؀Ԁࠀ਀܀܀܀
ᴀ᠀᐀ࠀᤀऀḀ܀ࠀȀ̀ࠀ܀ἀᤀऀ܀ ऀᤀጀᘀ᐀ࠀЀᤀ؀܀
ᘀ؀Ѐࠀ̀܀!ᨀ଀ഀ̀"
Temperatures
ĀȀ̀ЀԀ̀؀Ԁ܀
ࠀ܀ऀ਀Ȁ଀ऀЀ
ఀЀ଀Ȁ
ഀऀЀԀ଀Ȁ଀ऀЀ฀
ༀ଀Ѐက
ࠀᄀ਀က
ༀ̀ሀက
ༀ଀Ѐက
ࠀᄀ਀က
ༀ̀ሀက
ĀȀ̀ЀԀ؀܀
ࠀऀ਀଀Ԁ܀Ѐ؀ఀഀ
฀ༀက
ᄀሀጀ
฀ጀጀ
ᄀሀጀ
᐀ᔀ
ᘀԀᜀ਀ऀ᠀Ԁ܀਀
฀ༀက
ᄀᤀကက
฀ጀጀ
ᄀᤀကက
ᨀ܀ᬀ଀Ԁఀ਀
ᰀᬀ܀ഀᬀऀ਀଀Ԁ܀Ѐ؀ఀ
฀ༀက
ᄀᤀᴀጀ
฀Ḁጀ
ᄀᤀᴀጀ
Reliability
ĀȀ̀ЀԀ؀܀ࠀЀऀ਀଀ఀഀ฀ༀကᄀሀጀ᐀฀ऀ
Āကᔀ᐀ᘀ
܀ᜀ᠀᐀ᤀᘀᜀᄀ᐀฀ᨀ᐀ᬀᤀᰀ
ᴀ܀฀
Ḁἀ
ĀȀ̀ЀԀ؀Ԁ܀ࠀऀ਀଀ఀ
ഀ฀Ȁༀကༀᄀ
ကሀጀ᐀
ᔀᔀሀᄀᔀᄀᘀ
ᔀᘀᔀሀሀሀ
ᜀሀጀ᐀
᠀ကༀᜀကᘀ
ᔀᔀሀᘀሀሀ
ᔀሀሀጀ᐀
ကሀကༀ᠀ᄀ
᠀ᄀᜀ᠀ᔀ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com