Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PST24 Datasheet(PDF) 1 Page - Power System Technology

Part # PST24
Description  Standard product
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST24 Datasheet(HTML) 1 Page - Power System Technology

  PST24 Datasheet HTML 1Page - Power System Technology PST24 Datasheet HTML 2Page - Power System Technology PST24 Datasheet HTML 3Page - Power System Technology PST24 Datasheet HTML 4Page - Power System Technology PST24 Datasheet HTML 5Page - Power System Technology PST24 Datasheet HTML 6Page - Power System Technology PST24 Datasheet HTML 7Page - Power System Technology PST24 Datasheet HTML 8Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
►24, 28, 48Vdc Input voltage ranges ( 28Vdc for Avionic)
►1 to 3 outputs from 2V5 to 48Vdc
►Up to 240W
►Extremely low profile 190*90*15mm
►EMI, Surge and transient protection for defense, avionic applications
►Conduction cooled 100°C baseplate
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The PST24 is a family of very compact DC-DC converter in chassis mount format that provides input filtering, input transient protections, very robust mechanical
mounting and connection,optional conformal coating, required in most of the severe environment. The 28Vdc Input version includes MIL-STD-461E filtering,
MIL-STD-704A, MIL-STD-1275, DO-160E input protections for avionic and defense applications.
Based on the VI-CHIP® PRM and VTM concept from Vicor, this converter provides extremely low profile , high reliability, high efficiency, input-to-output isolation,
soft start, overtemperature protection. The inputs are protected against reverse polarity, surges and transients, implement over/undervoltage lockout and EMI
filtering. The outputs are countinuously short-circuit proof .The 100°C baseplate operation allows operation in high temperature environment.
The output can be configured in many different voltages from 3V3 to 48Vdc , others possibilties are even possible as semi-standard versions.
PST24 Rev. 01
Page 1 of 8
www.powersystemtechnology.com
RoHS
Features
Description
PST24
Standard product


Similar Part No. - PST24

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PST240 ALTECH-PST240 Datasheet
145Kb / 1P
240W Three Phase Industrial DIN Rail Power Supply Pst-240 Series
PST240 ALTECH-PST240_1 Datasheet
98Kb / 2P
240W Three Phase Industrial DIN Rail Power Supply
More results

Similar Description - PST24

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
NSE-8G??Standard Product Data Sheet Preliminary
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
Power System Technology
CPCIAC PST-CPCIAC Datasheet
4Mb / 9P
Standard product AC-DC CompactPCI짰 300W
PST22 PST-PST22 Datasheet
1Mb / 11P
Standard product
PST23 PST-PST23 Datasheet
1Mb / 9P
Standard product
PST26 PST-PST26 Datasheet
1Mb / 11P
Standard product
logo
PMC-Sierra, Inc
PM5345S PMC-PM5345S Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
Rectangular Standard NFC Antenna Product Specification
2021/03/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com