Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB3773 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB3773 Datasheet HTML 1Page - Cypress Semiconductor MB3773 Datasheet HTML 2Page - Cypress Semiconductor MB3773 Datasheet HTML 3Page - Cypress Semiconductor MB3773 Datasheet HTML 4Page - Cypress Semiconductor MB3773 Datasheet HTML 5Page - Cypress Semiconductor MB3773 Datasheet HTML 6Page - Cypress Semiconductor MB3773 Datasheet HTML 7Page - Cypress Semiconductor MB3773 Datasheet HTML 8Page - Cypress Semiconductor MB3773 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MB3773
Power Supply Monitor with
Watch-Dog Timer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-08513 Rev. *A
Revised April 4, 2016
MB3773 generates the reset signal to protect an arbitrary system when the power-supply voltage momentarily is intercepted or
decreased. It is IC for the power-supply voltage watch and “Power on reset” is generated at the normal return of the power supply.
MB3773 sends the microprocessor the reset signal when decreasing more than the voltage, which the power supply of the system
specified, and the computer data is protected from an accidental deletion.
In addition, the watch-dog timer for the operation diagnosis of the system is built into, and various microprocessor systems can provide
the fail-safe function. If MB3773 does not receive the clock pulse from the processor for a specified period, MB3773 generates the
reset signal.
Features
Precision voltage detection (VS = 4.2 V 2.5%)
Detection threshold voltage has hysteresis function
Low voltage output for reset signal (VCC = 0.8 V Typ)
Precision reference voltage output (VR = 1.245 V 1.5%)
With built-in watch-dog timer of edge trigger input.
External parts are few.(1 piece in capacity)
The reset signal outputs the positive and negative both theories reason.
One type of package (SOP-8pin : 1 type)
Application
Industrial Equipment
Arcade Amusement etc.


Similar Part No. - MB3773

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
Power Supply Monitor with Watch-Dog Timer
More results

Similar Description - MB3773

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
Micropower uP Watch Dog Timer
logo
fujitsu semiconductor
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
Power Supply Monitor with Watch-Dog Timer
logo
Linear Technology
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
183Kb / 13P
Micropower UP Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
System Reset (Built-in Watch Dog Timer)
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
Buck-Boost Switching Regulator Watch Dog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com