Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100M Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 5 Page - Cypress Semiconductor

  PSOC4100M Datasheet HTML 1Page - Cypress Semiconductor PSOC4100M Datasheet HTML 2Page - Cypress Semiconductor PSOC4100M Datasheet HTML 3Page - Cypress Semiconductor PSOC4100M Datasheet HTML 4Page - Cypress Semiconductor PSOC4100M Datasheet HTML 5Page - Cypress Semiconductor PSOC4100M Datasheet HTML 6Page - Cypress Semiconductor PSOC4100M Datasheet HTML 7Page - Cypress Semiconductor PSOC4100M Datasheet HTML 8Page - Cypress Semiconductor PSOC4100M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 5 of 41
Functional Definition
CPU and Memory Subsystem
CPU
The Cortex-M0 CPU in the PSoC 4100-M is part of the 32-bit
MCU subsystem, which is optimized for low-power operation
with extensive clock gating. Most instructions are 16 bits in length
and execute a subset of the Thumb-2 instruction set. The
Cypress implementation includes a hardware multiplier that
provides a 32-bit result in one cycle. It includes a nested vectored
interrupt controller (NVIC) block with 32 interrupt inputs and also
includes a Wakeup Interrupt Controller (WIC), which can wake
the processor up from the Deep Sleep mode allowing power to
be switched off to the main processor when the chip is in the
Deep Sleep mode. The Cortex-M0 CPU provides a
Non-Maskable Interrupt (NMI) input, which is made available to
the user when it is not in use for system functions requested by
the user.
The CPU also includes a debug interface, the serial wire debug
(SWD) interface, which is a 2-wire form of JTAG; the debug
configuration used for PSoC 4100-M has four break-point
(address) comparators and two watchpoint (data) comparators.
Flash
The PSoC 4100-M has a flash module with a flash accelerator,
tightly coupled to the CPU to improve average access times from
the flash block. The flash accelerator delivers 85% of
single-cycle SRAM access performance on average. Part of the
flash module can be used to emulate EEPROM operation if
required.
SRAM
SRAM memory is retained during Hibernate.
SROM
A supervisory ROM that contains boot and configuration routines
is provided.
DMA
A DMA engine, with eight channels, is provided that can do 32-bit
transfers and has chainable ping-pong descriptors.
System Resources
Power System
The power system is described in detail in the section Power on
page 13. It provides assurance that voltage levels are as
required for each respective mode and either delay mode entry
(on power-on reset (POR), for example) until voltage levels are
as required for proper function or generate resets (brown-out
detect (BOD)) or interrupts (low voltage detect (LVD)). The
PSoC 4100M operates with a single external supply over the
range of 1.71 to 5.5 V and has five different power modes, transi-
tions between which are managed by the power system. The
PSoC 4100M provides Sleep, Deep Sleep, Hibernate, and Stop
low-power modes.
Clock System
The PSoC 4100-M clock system is responsible for providing
clocks to all subsystems that require clocks and for switching
between different clock sources without glitching. In addition, the
clock system ensures that no meta-stable conditions occur.
The clock system for the PSoC 4100-M consists of a Watch
Crystal Oscillator (WCO) running at 32 kHz, the IMO (3 to
48 MHz) and the ILO (32-kHz nominal) internal oscillators, and
provision for an external clock.
Figure 2. PSoC 4100M MCU Clocking Architecture
The clk_hf signal can be divided down to generate synchronous
clocks for the analog and digital peripherals. There are a total of
16 clock dividers for the PSoC 4100-M, each with 16-bit divide
capability. The analog clock leads the digital clocks to allow
analog events to occur before digital clock-related noise is
generated. The 16-bit capability allows a lot of flexibility in gener-
ating fine-grained frequency values and is fully supported in
PSoC Creator.
IMO Clock Source
The IMO is the primary source of internal clocking in the
PSoC 4100M. It is trimmed during testing to achieve the
specified accuracy. Trim values are stored in nonvolatile
memory. Trimming can also be done on the fly to allow in-field
calibration. The IMO default frequency is 24 MHz and it can be
adjusted between 3 to 48 MHz in steps of 1 MHz. IMO tolerance
with Cypress-provided calibration settings is ±2%.
ILO Clock Source
The ILO is a very low power oscillator, nominally 32 kHz, which
is primarily used to generate clocks for peripheral operation in
Deep Sleep mode. ILO-driven counters can be calibrated to the
IMO to improve accuracy. Cypress provides a software
component, which does the calibration.
Crystal Oscillator
The PSoC 4100M clock subsystem also includes a
low-frequency crystal oscillator (32-kHz WCO) that is available
during the Deep Sleep mode and can be used for Real-Time
Clock (RTC) and Watchdog Timer applications.
dsi_out[3:0]
IMO
WCO
ILO
clk_ext
clk_hf
clk_lf
dsi_in[3]
dsi_in[2]
dsi_in[0]
dsi_in[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com