Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100M Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 1 Page - Cypress Semiconductor

  PSOC4100M Datasheet HTML 1Page - Cypress Semiconductor PSOC4100M Datasheet HTML 2Page - Cypress Semiconductor PSOC4100M Datasheet HTML 3Page - Cypress Semiconductor PSOC4100M Datasheet HTML 4Page - Cypress Semiconductor PSOC4100M Datasheet HTML 5Page - Cypress Semiconductor PSOC4100M Datasheet HTML 6Page - Cypress Semiconductor PSOC4100M Datasheet HTML 7Page - Cypress Semiconductor PSOC4100M Datasheet HTML 8Page - Cypress Semiconductor PSOC4100M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-96519 Rev. *E
Revised August 19, 2016
General Description
PSoC® 4 is a scalable and reconfigurable platform architecture for a family of programmable embedded system controllers with an
ARM® Cortex™-M0 CPU. It combines programmable and reconfigurable analog and digital blocks with flexible automatic routing. The
PSoC 4100M product family, based on this platform architecture, is a combination of a microcontroller with digital programmable logic,
programmable analog, programmable interconnect, high-performance analog-to-digital conversion, opamps with comparator mode,
and standard communication and timing peripherals. The PSoC 4100M products will be fully compatible with members of the PSoC 4
platform for new applications and design needs. The programmable analog and digital subsystems allow flexibility and in-field tuning
of the design.
Features
32-bit MCU Subsystem
■ 24-MHz ARM Cortex-M0 CPU with single-cycle multiply
■ Up to 128 kB of flash with Read Accelerator
■ Up to 16 kB of SRAM
■ DMA engine
Programmable Analog
■ Four opamps that operate in Deep Sleep mode at very low
current levels
■ All opamps have reconfigurable high current pin-drive,
high-bandwidth internal drive, ADC input buffering, and
Comparator modes with flexible connectivity allowing input
connections to any pin
■ Four current DACs (IDACs) for general-purpose or capacitive
sensing applications on any pin
■ Two low-power comparators that operate in Deep Sleep mode
■ 12-bit SAR ADC with 806-Ksps conversion rate
Low Power 1.71 to 5.5 V Operation
■ 20-nA Stop Mode with GPIO pin wakeup
■ Hibernate and Deep Sleep modes allow wakeup-time versus
power trade-offs
Capacitive Sensing
■ Cypress Capacitive Sigma-Delta (CSD) technique provides
best-in-class SNR (>5:1) and water tolerance
■ Cypress-supplied software component makes capacitive
sensing design easy
■ Automatic hardware tuning (SmartSense™)
Segment LCD Drive
■ LCD drive supported on all pins (common or segment)
■ Operates in Deep Sleep mode with 4 bits per pin memory
Serial Communication
■ Four independent run-time reconfigurable serial
communication blocks (SCBs) with reconfigurable I2C, SPI, or
UART functionality
Timing and Pulse-Width Modulation
■ Eight 16-bit timer/counter pulse-width modulator (TCPWM)
blocks
■ Center-aligned, Edge, and Pseudo-random modes
■ Comparator-based triggering of Kill signals for motor drive and
other high-reliability digital logic applications
Package Options
■ 68-pin QFN, 64-pin TQFP wide and narrow pitch, and 48-pin
and 44-pin TQFP packages
■ Up to 55 programmable GPIOs
■ GPIO pins can be CapSense, LCD, analog, or digital
■ Drive modes, strengths, and slew rates are programmable
Extended Industrial Temperature Operation
■ –40 °C to +105 °C operation
PSoC Creator Design Environment
■ Integrated Development Environment (IDE) provides
schematic design entry and build (with analog and digital
automatic routing)
■ Applications Programming Interface (API component) for all
fixed-function and programmable peripherals
Industry-Standard Tool Compatibility
■ After schematic entry, development can be done with
ARM-based industry-standard development tools


Similar Part No. - PSOC4100M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PSOC4100 CYPRESS-PSOC4100 Datasheet
434Kb / 37P
Programmable System-on-Chip (PSoC짰)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
Programmable System-on-Chip (PSoC)
More results

Similar Description - PSOC4100M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_12 Datasheet
4Mb / 131P
Programmable System-on-Chip (PSoC짰)
CY8C54LP CYPRESS-CY8C54LP Datasheet
3Mb / 117P
Programmable System-on-Chip (PSoC짰)
CY8C32 CYPRESS-CY8C32_13 Datasheet
3Mb / 121P
Programmable System-on-Chip (PSoC짰)
CY8C23433 CYPRESS-CY8C23433_13 Datasheet
659Kb / 53P
PSoC짰 Programmable System-on-Chip?
CY8C27143 CYPRESS-CY8C27143_13 Datasheet
1Mb / 64P
PSoC짰 Programmable System-on-Chip?
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com