Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5094 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW5094 Datasheet HTML 13Page - STMicroelectronics STW5094 Datasheet HTML 14Page - STMicroelectronics STW5094 Datasheet HTML 15Page - STMicroelectronics STW5094 Datasheet HTML 16Page - STMicroelectronics STW5094 Datasheet HTML 17Page - STMicroelectronics STW5094 Datasheet HTML 18Page - STMicroelectronics STW5094 Datasheet HTML 19Page - STMicroelectronics STW5094 Datasheet HTML 20Page - STMicroelectronics STW5094 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17/37
STw5094
Table 1. Tone Generator frequency versus CR13 CR14 register value correspondence table
CR13/14
Value (dec.)
F1/F2 Tone
Frequency
(Hz)
CR13/14
Value (dec.)
F1/F2 Tone
Frequency
(Hz)
CR13/14
Value (dec.)
F1/F2 Tone
Frequency
(Hz)
CR13/14
Value (dec.)
F1/F2 Tone
Frequency
(Hz)
0
0.0
64
250.0
128
750.0
192
1750.0
1
3.9
65
257.8
129
765.6
193
1781.2
2
7.8
66
265.6
130
781.2
194
1812.5
3
11.7
67
273.4
131
796.9
195
1843.8
4
15.6
68
281.2
132
812.5
196
1875.0
5
19.5
69
289.1
133
828.1
197
1906.2
6
23.4
70
296.9
134
843.8
198
1937.5
7
27.3
71
304.7
135
859.4
199
1968.8
8
31.2
72
312.5
136
875.0
200
2000.0
9
35.2
73
320.3
137
890.6
201
2031.2
10
39.1
74
328.1
138
906.2
202
2062.5
11
43.0
75
335.9
139
921.9
203
2093.8
12
46.9
76
343.8
140
937.5
204
2125.0
13
50.8
77
351.6
141
953.1
205
2156.2
14
54.7
78
359.4
142
968.8
206
2187.5
15
58.6
79
367.2
143
984.4
207
2218.8
16
62.5
80
375.0
144
1000.0
208
2250.0
17
66.4
81
382.8
145
1015.6
209
2281.2
18
70.3
82
390.6
146
1031.2
210
2312.5
19
74.2
83
398.4
147
1046.9
211
2343.8
20
78.1
84
406.2
148
1062.5
212
2375.0
21
82.0
85
414.1
149
1078.1
213
2406.2
22
85.9
86
421.9
150
1093.8
214
2437.5
23
89.8
87
429.7
151
1109.4
215
2468.8
24
93.8
88
437.5
152
1125.0
216
2500.0
25
97.7
89
445.3
153
1140.6
217
2531.2
26
101.6
90
453.1
154
1156.2
218
2562.5
27
105.5
91
460.9
155
1171.9
219
2593.8
28
109.4
92
468.8
156
1187.5
220
2625.0
29
113.3
93
476.6
157
1203.1
221
2656.2
30
117.2
94
484.4
158
1218.8
222
2687.5
31
121.1
95
492.2
159
1234.4
223
2718.8
32
125.0
96
500.0
160
1250.0
224
2750.0
33
128.9
97
507.8
161
1265.6
225
2781.2
34
132.8
98
515.6
162
1281.2
226
2812.5
35
136.7
99
523.4
163
1296.9
227
2843.8
36
140.6
100
531.2
164
1312.5
228
2875.0
37
144.5
101
539.1
165
1328.1
229
2906.2
38
148.4
102
546.9
166
1343.8
230
2937.5
39
152.3
103
554.7
167
1359.4
231
2968.8
40
156.2
104
562.5
168
1375.0
232
3000.0
41
160.2
105
570.3
169
1390.6
233
3031.2
42
164.1
106
578.1
170
1406.2
234
3062.5
43
168.0
107
585.9
171
1421.9
235
3093.8
44
171.9
108
593.8
172
1437.5
236
3125.0
45
175.8
109
601.6
173
1453.1
237
3156.2
46
179.7
110
609.4
174
1468.8
238
3187.5
47
183.6
111
617.2
175
1484.4
239
3218.8
48
187.5
112
625.0
176
1500.0
240
3250.0
49
191.4
113
632.8
177
1515.6
241
3281.2
50
195.3
114
640.6
178
1531.2
242
3312.5
51
199.2
115
648.4
179
1546.9
243
3343.8
52
203.1
116
656.2
180
1562.5
244
3375.0
53
207.0
117
664.1
181
1578.1
245
3406.2
54
210.9
118
671.9
182
1593.8
246
3437.5
55
214.8
119
679.7
183
1609.4
247
3468.8
56
218.8
120
687.5
184
1625.0
248
3500.0
57
222.7
121
695.3
185
1640.6
249
3531.2
58
226.6
122
703.1
186
1656.2
250
3562.5
59
230.5
123
710.9
187
1671.9
251
3593.8
60
234.4
124
718.8
188
1687.5
252
3625.0
61
238.3
125
726.6
189
1703.1
253
3656.2
62
242.2
126
734.4
190
1718.8
254
3687.5
63
246.1
127
742.2
191
1734.4
255
3718.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com