Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW5094 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW5094
Description  18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094 Datasheet(HTML) 5 Page - STMicroelectronics

  STW5094 Datasheet HTML 1Page - STMicroelectronics STW5094 Datasheet HTML 2Page - STMicroelectronics STW5094 Datasheet HTML 3Page - STMicroelectronics STW5094 Datasheet HTML 4Page - STMicroelectronics STW5094 Datasheet HTML 5Page - STMicroelectronics STW5094 Datasheet HTML 6Page - STMicroelectronics STW5094 Datasheet HTML 7Page - STMicroelectronics STW5094 Datasheet HTML 8Page - STMicroelectronics STW5094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5/37
STw5094
Type definitions:
AI - Analog input, AO - Analog Output, DI - Digital Input, DO - Digital output, DOT - Digital Output Tristate,
DIO - Digital Input Output Open Drain, P - Power Supply or Ground.
B5
FS
DI
Frame Sync input: This signal is a 8
⁄ 16kHz clock which defines the start of the
transmit and receive frames. Any of three formats may be used for this signal: non
delayed normal mode, delayed mode, and non delayed reverse mode.
A4
MCLK
DI
Master Clock Input for Voice Mode. Can also be used as Master Clock in Tone Only
and FM Modes. The allowed clock frequencies are 512 kHz, 1.536 MHz, 2.048 MHz
or 2.56 MHz. MCLK is the Voice Data Clock.
C5
AUXCLK
DI
Auxiliary Clock Input. Can be used as Master Clock in Tone Only and FM Modes.
Allowed clock frequencies are 512kHz, 1.536MHz, 2.048MHz or 2.56MHz.
E4
DNC
AI
Do Not Connect. This pin must be left unconnected.
C3
CAP2
AI
A capacitor must be connected between this node and Ground.
C2
VCCA
P
Power supply input for the analog section. VCC and VCCA can be directly connected
together for low cost applications.
D1
GNDA
P
Analog Ground: All analog signals are referenced to this pin. GND and GNDA can be
connected together for low cost applications.
F3
VCCP
P
Power supply input for the output drivers. VCCP and VCCA must be connected
together.
E3
GNDP
P
Power ground. Output drivers are referenced to this pin. GNDP and GNDA must be
connected together.
D3
GNDCM
P
Analog Ground connection. GNDCM can be connected to GNDA.
B4
VCC
P
Power supply input for the digital section.
B6
GND
P
Ground for the digital section
D4
VCCIO
P
Power supply Input for the Digital I
⁄ O pins.
Pin
N°
Name
Type
Description
PIN FUNCTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com