Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F091 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32F091
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32F091 Datasheet HTML 93Page - STMicroelectronics STM32F091 Datasheet HTML 94Page - STMicroelectronics STM32F091 Datasheet HTML 95Page - STMicroelectronics STM32F091 Datasheet HTML 96Page - STMicroelectronics STM32F091 Datasheet HTML 97Page - STMicroelectronics STM32F091 Datasheet HTML 98Page - STMicroelectronics STM32F091 Datasheet HTML 99Page - STMicroelectronics STM32F091 Datasheet HTML 100Page - STMicroelectronics STM32F091 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
DocID026284 Rev 3
97/127
STM32F091xB STM32F091xC
Electrical characteristics
99
Figure 30. SPI timing diagram - master mode
1. Measurement points are done at CMOS levels: 0.3 VDD and 0.7 VDD.
Table 69. I2S characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fCK
1/tc(CK)
I2S clock frequency
Master mode (data: 16 bits, Audio
frequency = 48 kHz)
1.597
1.601
MHz
Slave mode
0
6.5
tr(CK)
I2S clock rise time
Capacitive load CL = 15 pF
-10
ns
tf(CK)
I2S clock fall time
-
12
tw(CKH)
I2S clock high time
Master fPCLK= 16 MHz, audio
frequency = 48 kHz
306
-
tw(CKL)
I2S clock low time
312
-
tv(WS)
WS valid time
Master mode
2
-
th(WS)
WS hold time
Master mode
2
-
tsu(WS)
WS setup time
Slave mode
7
-
th(WS)
WS hold time
Slave mode
0
-
DuCy(SCK)
I2S slave input clock duty
cycle
Slave mode
25
75
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com