Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F091 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F091
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F091 Datasheet HTML 31Page - STMicroelectronics STM32F091 Datasheet HTML 32Page - STMicroelectronics STM32F091 Datasheet HTML 33Page - STMicroelectronics STM32F091 Datasheet HTML 34Page - STMicroelectronics STM32F091 Datasheet HTML 35Page - STMicroelectronics STM32F091 Datasheet HTML 36Page - STMicroelectronics STM32F091 Datasheet HTML 37Page - STMicroelectronics STM32F091 Datasheet HTML 38Page - STMicroelectronics STM32F091 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 127 page
background image
DocID026284 Rev 3
35/127
STM32F091xB STM32F091xC
Pinouts and pin descriptions
40
J1
19
--
--
PF2
I/O
FT
EVENTOUT,
USART7_TX,
USART7_CK_RTS
WKUP8
K1
20
F1
12
G8
8
VSSA
S
-
Analog ground
M1
21
H1
13
H8
9
VDDA
S
-
Analog power supply
L1
22
-
-
-
-
PF3
I/O
FT
EVENTOUT,
USART7_RX,
USART6_CK_RTS
L2
23
G2
14
F7
10
PA0
I/O
TTa
USART2_CTS,
TIM2_CH1_ETR,
TSC_G1_IO1,
USART4_TX
COMP1_OUT
RTC_ TAMP2,
WKUP1,
ADC_IN0,
COMP1_INM6
M2
24
H2
15
F6
11
PA1
I/O
TTa
USART2_RTS,
TIM2_CH2,
TIM15_CH1N,
TSC_G1_IO2,
USART4_RX,
EVENTOUT
ADC_IN1,
COMP1_INP
K3
25
F3
16
E5
12
PA2
I/O
TTa
USART2_TX, TIM2_CH3,
TIM15_CH1,
TSC_G1_IO3
COMP2_OUT
ADC_IN2,
WKUP4,
COMP2_INM6
L3
26
G3
17
H7
13
PA3
I/O
TTa
USART2_RX,TIM2_CH4,
TIM15_CH2,
TSC_G1_IO4
ADC_IN3,
COMP2_INP
D3
27
C2
18
G7
-
VSS
S
-
Ground
H3
28
D2
19
G6
-
VDD
S
-
Digital power supply
M3
29
H3
20
H6
14
PA4
I/O
TTa
SPI1_NSS, I2S1_WS,
TIM14_CH1,
TSC_G2_IO1,
USART2_CK,
USART6_TX
COMP1_INM4,
COMP2_INM4,
ADC_IN4,
DAC_OUT1
K4
30
F4
21
F5
15
PA5
I/O
TTa
SPI1_SCK, I2S1_CK,
CEC,
TIM2_CH1_ETR,
TSC_G2_IO2,
USART6_RX
COMP1_INM5,
COMP2_INM5,
ADC_IN5,
DAC_OUT2
Table 13. STM32F091xB/xC pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com