Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT9919 Datasheet(PDF) 5 Page - Microchip Technology

Part # AT9919
Description  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 Datasheet(HTML) 5 Page - Microchip Technology

  AT9919 Datasheet HTML 1Page - Microchip Technology AT9919 Datasheet HTML 2Page - Microchip Technology AT9919 Datasheet HTML 3Page - Microchip Technology AT9919 Datasheet HTML 4Page - Microchip Technology AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005595A-page 5
AT9919
GATE DRIVER
GATE Current, Source
IGATE
0.3
0.5
A
VGATE = GND (Note 2)
GATE Current, Sink
0.7
1
A
VGATE = VDD (Note 2)
GATE Output Rise Time
TRISE
40
55
ns
CGATE = 2 nF
GATE Output Fall Time
TFALL
17
25
ns
CGATE = 2 nF
GATE High Output Voltage
VGATE(HI)
VDD – 0.5
V
IGATE = 10 mA
GATE Low Output Voltage
VGATE(LO)
0.5
V
IGATE = –10 mA
OVERTEMPERATURE PROTECTION
Over Temperature Trip Limit
TOT
128
140
ºC
Note 2
Temperature Hysteresis
∆THYST
60
ºC
Note 2
ANALOG CONTROL OF PWM DIMMING
Dimming Frequency
fRAMP
130
300
Hz
CRAMP = 47 nF
550
1250
CRAMP = 10 nF
RAMP Threshold, Low
VLOW
0.1
V
RAMP Threshold, High
VHIGH
1.8
2.1
V
ADIM Offset Voltage
VOS
–35
+35
mV
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Temperature
TA
–40
+125
°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TS
–65
+150
°C
PACKAGE THERMAL RESISTANCE
8-lead DFN
JA
+37
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: VIN = 12V, VDIM = VDD, VRAMP = GND, CVDD = 1 µF, RCS = 0.5Ω, TA = TJ = –40ºC to
+125ºC (Note 1) unless otherwise noted.
Parameter
Sym.
Min.
Typ. Max.
Unit
Conditions
Note 1:
Limits obtained by design and characterization.
2: For design guidance only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com