Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT9919 Datasheet(PDF) 8 Page - Microchip Technology

Part # AT9919
Description  Hysteretic Buck High-Brightness LED Driver with High-Side Current Sensing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9919 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AT9919 Datasheet HTML 4Page - Microchip Technology AT9919 Datasheet HTML 5Page - Microchip Technology AT9919 Datasheet HTML 6Page - Microchip Technology AT9919 Datasheet HTML 7Page - Microchip Technology AT9919 Datasheet HTML 8Page - Microchip Technology AT9919 Datasheet HTML 9Page - Microchip Technology AT9919 Datasheet HTML 10Page - Microchip Technology AT9919 Datasheet HTML 11Page - Microchip Technology AT9919 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AT9919
DS20005595A-page 8
 2016 Microchip Technology Inc.
FIGURE 3-2:
Inductor Current Waveform.
t
t
I
LED
V
DIM
V
RS(HI)
R
SENSE
V
RS(LO)
R
SENSE
t
DPDL
t
DPDH
T
S =
1
f
S
ΔI
ΔI
O
Equation 3-3 shows how to determine the inductor
value for a desired operating frequency (fS).
EQUATION 3-3:
L
VIN VOUT
 V
OUT
fSVIN IO
------------------------------------------------------
VIN VOUT
 t
DPDL
IO
-------------------------------------------------------
VOUTtDPDH
IO
------------------------------
=
Where:
IO
VRS HI

VRS LO

RSENSE
--------------------------------------------
=
and tDPDL and tDPDH are the propagation delays. 
Note that the current ripple (∆I) in the inductor (L) is greater than ∆IO.
The current ripple in the inductor (L) can be calculated
with Equation 3-4.
EQUATION 3-4:
I
IO
VIN VOUT
 t
DPDL
L
-------------------------------------------------------
VOUTtDPDH
L
------------------------------
++
=
For proper inductor selection, note that the maximum
switching frequency occurs at the highest VIN and
VOUT = VIN/2.
3.8
MOSFET Selection
MOSFET selection is based on the maximum input
operating voltage VIN, output current ILED and
operating switching frequency. Choose a MOSFET that
has a higher breakdown voltage than the maximum
operation voltage, low RDS(ON) and low total charge for
better efficiency. MOSFET threshold voltage must be
adequate when operated at the low end of the input
voltage operating range.
3.9
Freewheeling Diode Selection
The forward voltage of the freewheeling diode should
be as low as possible for better efficiency. A Schottky
diode is a good choice as long as the breakdown
voltage is high enough to withstand the maximum
operating voltage. The forward current rating of the
diode must be at least equal to the maximum LED
current.
3.10
LED Current Ripple
The LED current ripple is equal to the inductor current
ripple. In cases when a lower LED current ripple is
needed, a capacitor can be placed across the LED
terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com