Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W24L01 Datasheet(PDF) 8 Page - Winbond

Part # W24L01
Description  128K X 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L01 Datasheet(HTML) 8 Page - Winbond

Back Button W24L01 Datasheet HTML 3Page - Winbond W24L01 Datasheet HTML 4Page - Winbond W24L01 Datasheet HTML 5Page - Winbond W24L01 Datasheet HTML 6Page - Winbond W24L01 Datasheet HTML 7Page - Winbond W24L01 Datasheet HTML 8Page - Winbond W24L01 Datasheet HTML 9Page - Winbond W24L01 Datasheet HTML 10Page - Winbond W24L01 Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W24L01
- 8 -
ORDERING INFORMATION
PART NO.
ACCESS
TIME (nS)
OPERATING
VOLTAGE
(V)
OPERATING
TEMPERATURE
(
°C)
PACKAGE
W24L01B-55LL
55
2.7V
− 3.6V
0 to 70
CSP
W24L01Q-55LL
55
2.7V
− 3.6V
0 to 70
Small type one TSOP
W24L01S-55LL
55
2.7V
− 3.6V
0 to 70
450 mil SOP
W24L01T-55LL
55
2.7V
− 3.6V
0 to 70
Standard type one TSOP
W24L01B-55LE
55
2.7V
− 3.6V
-20 to 85
CSP
W24L01Q-55LE
55
2.7V
− 3.6V
-20 to 85
Small type one TSOP
W24L01S-55LE
55
2.7V
− 3.6V
-20 to 85
450 mil SOP
W24L01T-55LE
55
2.7V
− 3.6V
-20 to 85
Standard type one TSOP
W24L01B-55LI
55
2.7V
− 3.6V
-40 to 85
CSP
W24L01Q-55LI
55
2.7V
− 3.6V
-40 to 85
Small type one TSOP
W24L01S-55LI
55
2.7V
− 3.6V
-40 to 85
450 mil SOP
W24L01T-55LI
55
2.7V
− 3.6V
-40 to 85
Standard type one TSOP
W24L01B-70LL
70
2.7V
− 3.6V
0 to 70
CSP
W24L01Q-70LL
70
2.7V
− 3.6V
0 to 70
Small type one TSOP
W24L01S-70LL
70
2.7V
− 3.6V
0 to 70
450 mil SOP
W24L01T-70LL
70
2.7V
− 3.6V
0 to 70
Standard type one TSOP
W24L01B-70LE
70
2.7V
− 3.6V
-20 to 85
CSP
W24L01Q-70LE
70
2.7V
− 3.6V
-20 to 85
Small type one TSOP
W24L01S-70LE
70
2.7V
− 3.6V
-20 to 85
450 mil SOP
W24L01T-70LE
70
2.7V
− 3.6V
-20 to 85
Standard type one TSOP
W24L01B-70LI
70
2.7V
− 3.6V
-40 to 85
CSP
W24L01Q-70LI
70
2.7V
− 3.6V
-40 to 85
Small type one TSOP
W24L01S-70LI
70
2.7V
− 3.6V
-40 to 85
450 mil SOP
W24L01T-70LI
70
2.7V
− 3.6V
-40 to 85
Standard type one TSOP
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in applications
where personal injury might occur as a consequence of product failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com