Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

W24L01 Datasheet(PDF) 9 Page - Winbond

Part # W24L01
Description  128K X 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L01 Datasheet(HTML) 9 Page - Winbond

Back Button W24L01 Datasheet HTML 3Page - Winbond W24L01 Datasheet HTML 4Page - Winbond W24L01 Datasheet HTML 5Page - Winbond W24L01 Datasheet HTML 6Page - Winbond W24L01 Datasheet HTML 7Page - Winbond W24L01 Datasheet HTML 8Page - Winbond W24L01 Datasheet HTML 9Page - Winbond W24L01 Datasheet HTML 10Page - Winbond W24L01 Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
W24L01
Publication Release Date: January 2, 2002
- 9 -
Revision A6
PACKAGE DIMENSIONS
32-pin Small Type One TSOP
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
1
θ
Controlling dimension: Millimeters
Min.
Dimension in mm
Nom. Max.
Min.
Nom.
Max.
Symbol
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
HD
11.70
13.20
0.675
1.25
0.05
0.15
1.05
1.00
0.95
0.17
0.14
0.30
0.00
0.20
0.27
0.15
0.16
11.80 11.90
13.40 13.60
0.50
0.50
0.70
0.10
0.049
0.006
0.041
0.039
0.037
0.007 0.008 0.009
0.0056 0.0059 0.0062
0.461
0.465 0.469
7.90
8.00
8.10
0.311 0.315 0.319
0.520 0.528 0.536
0.020
0.012
0.020 0.028
0.027
0.000
0.004
0
3
5
0
3
5
0.002
θ
Dimension in Inches
32-pin SOP Wide Body
1
17
32
16
y
e
D
S
Seating Plane
b
A
A
E H
L
L
E
E
1
c
e 1
1
e
A 2
See Detail F
Detail F
1. Dimensions D Max. & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
3. Dimensions D & E include mold mismatch
and determined at the mold parting line.
.
Notes:
4. Controlling dimension: Inches
5. General appearance spec should be based
on final visual inspection spec.
0.20
0.15
0.008
0.006
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
L E
1
2
E
0.012
0.31
0.118
3.00
0.004
0.101
0.014
0.106
0.016
0.111
0.020
2.57
0.36
0.10
2.69
0.41
2.82
0.51
0.047
0.004
0
10
0.805
0.055
0.817
0.063
1.19
20.45
1.40
20.75
1.60
0.556
0.556
0.546
14.38
14.12
13.87
10
0
0.10
11.43
11.30
11.18
0.450
0.445
0.440
0.58
0.79
0.99
0.023
0.031
0.039
1.12
1.27
1.42
0.044
0.050
0.056
S
0.91
0.036
θ
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com