Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LELBMA-CQ Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LELBMA-CQ
Description  Compact lightsource in SMT technology
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMA-CQ Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LELBMA-CQ Datasheet HTML 7Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 8Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 9Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 10Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 11Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 12Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 13Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 14Page - OSRAM GmbH LELBMA-CQ Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Version 2.0
LE RTDUW S2W
2014-09-10
11
Dominante Wellenlänge
1) 2) Seite 23
Dominant Wavelength
1) 2) page 23
λ
dom = f (IF); TJ = 25 °C; deep blue
Dominante Wellenlänge
1) 2) Seite 23
Dominant Wavelength
1) 2) page 23
∆λ
dom = f (IF); TJ = 25 °C; true green
Farbortverschiebung
1) 2) Seite 23
Chromaticity Coordinate Shift
1) 2) page 23
∆Cx, ∆Cy = f (I
F); TJ = 25 °C; ultra white
24IDL10015007
200 400 600 800 1000 1200 1400
IF [mA]
-10
-5
0
5
10
∆λ[nm]
23IDL10015007
200 400 600 800 1000 1200 1400
IF [A]
-10
-5
0
5
10
∆λ[nm]
LE CWUW S2W
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
Cx
Cy
: ∆Cx
: ∆Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com