Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAT02S_DIE Datasheet(PDF) 2 Page - Analog Devices

Part # MAT02S_DIE
Description  This specification documents the detailed requirements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02S_DIE Datasheet(HTML) 2 Page - Analog Devices

  MAT02S_DIE Datasheet HTML 1Page - Analog Devices MAT02S_DIE Datasheet HTML 2Page - Analog Devices MAT02S_DIE Datasheet HTML 3Page - Analog Devices MAT02S_DIE Datasheet HTML 4Page - Analog Devices MAT02S_DIE Datasheet HTML 5Page - Analog Devices MAT02S_DIE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Collector to Base Voltage (BVCBO)…............................... 40V
Collector to Emitter Voltage (BVCEO)..….......................... 40V
Emitter to Emitter Voltage (BVEE)..................................... 40V
Collector Current (IC) ....................................................... 20mA
Emitter Current (IE) .......................................................... 20mA
Storage Temperature Range ......................................... -65°C to +150°C
Junction Temperature (TJ)…………………………………..+150°C
Operating Ambient Temperature Range…...................... -55°C to +125°C
Absolute Maximum Ratings Notes:
1/
Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the maximum levels may
degrade performance and affect reliability.
In accordance with class-K version of MIL-PRF-38534, Appendix C, Table C-II, except as
modified herein.
(a) Qual Sample Size and Qual Acceptance Criteria
– 25/2
(b) Qual Sample Package
– 6 Lead TO Package
(c) Pre-screen electrical test over temperature performed post-assembly prior to die qualification.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com