Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAT02S_DIE Datasheet(PDF) 3 Page - Analog Devices

Part # MAT02S_DIE
Description  This specification documents the detailed requirements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02S_DIE Datasheet(HTML) 3 Page - Analog Devices

  MAT02S_DIE Datasheet HTML 1Page - Analog Devices MAT02S_DIE Datasheet HTML 2Page - Analog Devices MAT02S_DIE Datasheet HTML 3Page - Analog Devices MAT02S_DIE Datasheet HTML 4Page - Analog Devices MAT02S_DIE Datasheet HTML 5Page - Analog Devices MAT02S_DIE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table I Notes:
1/ VCB = 15V, IC = ±10µA, and TA = 25°C, unless otherwise specified.
2/
Current gain match (∆hFE) is defined as ΔhFE =
C
FE
B
I
min
h
)
I
(
100 
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com