Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48R10A Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT48R10A
Description  8-Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R10A Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48R10A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
HT48R10A-1
Rev. 1.20
12
July 2, 2001
The HALT mode stops the system oscillator
and ignores an external signal to conserve
power.
If an RC oscillator is used, an external resistor
between OSC1 and VDD is required and the
resistance must range from 51kW to 1MW. The
system clock, divided by 4, is available on
OSC2, which can be used to synchronize exter-
nal logic. The RC oscillator provides the most
cost effective solution. However, the frequency
of oscillation may vary with VDD, tempera-
tures and the chip itself due to process varia-
tions. It is, therefore, not suitable for timing
sensitive operations where an accurate oscilla-
tor frequency is desired.
If the Crystal oscillator is used, a crystal across
OSC1 and OSC2 is needed to provide the feed-
back and phase shift required for the oscillator,
and no other external components are required.
Instead of a crystal, a resonator can also be con-
nected between OSC1 and OSC2 to get a fre-
quency reference, but two external capacitors
in OSC1 and OSC2 are required. If the internal
RC oscillator is used, the OSC1 and OSC2 can
be selected as general I/O lines or an 32768Hz
crystal oscillator (RTC OSC). Also, the frequen-
cies of the internal RC oscillator can be
3.2MHz, 1.6MHz, 800kHz and 400kHz (de-
pended by options).
The WDT oscillator is a free running on-chip RC
oscillator, and no external components are re-
quired. Even if the system enters the power down
mode, the system clock is stopped, but the WDT
oscillator still works with a period of approxi-
mately 72ms. The WDT oscillator can be disabled
by ROM code option to conserve power.
Watchdog Timer - WDT
The clock source of WDT is implemented by a
dedicated RC oscillator (WDT oscillator), RTC
clock or instruction clock (system clock divided
by 4), decided by ROM code option. This timer is
designed to prevent a software malfunction or
sequence from jumping to an unknown location
with unpredictable results. The Watchdog
Timer can be disabled by a ROM code option. If
the Watchdog Timer is disabled, all the execu-
tions related to the WDT result in no operation.
The RTC clock is enabled only in the internal
RC+RTC mode.
Once the internal WDT oscillator (RC oscillator
with a period of 72ms/5V normally) is selected, it
is first divided by 256 (8-stage) to get the nomi-
nal time-out period of approximately
18.4ms/5V. This time-out period may vary with
temperatures, VDD and process variations. By
invoking the WDT prescaler, longer time-out
periods can be realized. Writing data to WS2,
WS1, WS0 (bit 2,1,0 of the WDTS) can give differ-
ent time-out periods. If WS2, WS1, and WS0 are
all equal to 1, the division ratio is up to 1:128, and
the maximum time-out period is 2.4s/5V seconds.
If the WDT oscillator is disabled, the WDT clock
may still come from the instruction clock and op-
erate in the same manner except that in the
HALT state the WDT may stop counting and lose
its protecting purpose. In this situation the logic
can only be restarted by external logic. The high
nibble and bit 3 of the WDTS are reserved for
user's defined flags, which can be used to indicate
some specified status.
If the device operates in a noisy environment, us-
ing the on-chip RC oscillator (WDT OSC) or
32kHz crystal oscillator (RTC OSC) is strongly
recommended, since the HALT will stop the sys-
tem clock.
S yst e m C l o ck/ 4
8- bi t C ou nt er
W D T P r e sca l e r
7- bi t C o u n t e r
8- t o - 1 M U X
W D T T i m e - out
WS 0 ~ WS 2
RO M
C ode
Op t i o n
Se l e c t
WD T
OS C
RT C O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com