Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT48R10A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R10A
Description  8-Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R10A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R10A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R10A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Pad Description
Pad Name I/O
ROM Code
Option
Description
PA0~PA7
I/O
Pull-high*
Wake-up
/Schmitt trig-
ger Input
Bidirectional 8-bit input/output port. Each bit can be config-
ured as wake-up input by ROM code option. Software instruc-
tions determine the output or Schmitt trigger or CMOS input
(depends on an options) with pull-high resistor (determined by
1-bit pull-high options).
PB0/BZ
PB1/BZ
PB2~PB7
I/O
Pull-high*
PB0 or BZ
PB1 or BZ
Bidirectional 8-bit input/output port. Software instructions
determine the output or Schmitt trigger input with pull-high
resistor (determined by pull-high options).
The PB0 and PB1 are pin-shared with the BZ and BZ, respec-
tively. Once the PB0 or PB1 is selected as buzzer driving out-
puts, the output signals come from an internal PFD generator
(shared with timer/event counter).
VSS
¾¾
Negative power supply, ground
PC0/INT
PC1/TMR
PC2
I/O
Pull-high*
Bidirectional I/O lines. Software instructions determine the
output or Schmitt trigger input with pull-high resistor (deter-
mined by 1-bit pull-high options). The external interrupt and
timer input are pin-shared with the PC0 and PC1, respec-
tively. The external interrupt input is activated on a high to
low transition.
RES
I
¾
Schmitt trigger reset input. Active low
VDD
¾¾
Positive power supply
OSC1/PC3
OSC2/PC4
I
O
Pull-high*
Crystal or RC
or Int. RC+I/O
or Int.
RC+RTC
OSC1, OSC2 are connected to an RC network or Crystal (de-
termined by ROM code option) for the internal system clock.
In the case of RC operation, OSC2 is the output terminal for
1/4 system clock. These two pins also can be optioned as an
RTC oscillator (32768Hz) or I/O lines. In these two cases, the
system clock comes from an internal RC oscillator whose fre-
quency has 4 options (3.2MHz, 1.6MHz, 800kHz, 400kHz). If
the I/O option is selected, the pull-high options also be en-
abled. Otherwise the PC3 and PC4 are used as internal regis-
ters (pull-high resistors are always disabled).
Note: ²*² The pull-high resistors of each I/O port (PA, PB, PC) are controlled by 1-bit ROM code
options.
or Schmitt trigger option of port A is controlled by 1-bit ROM code option.
HT48R10A-1
Rev. 1.20
3
July 2, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com