Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV921 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV921 Datasheet HTML 1Page - National Semiconductor (TI) LMV921 Datasheet HTML 2Page - National Semiconductor (TI) LMV921 Datasheet HTML 3Page - National Semiconductor (TI) LMV921 Datasheet HTML 4Page - National Semiconductor (TI) LMV921 Datasheet HTML 5Page - National Semiconductor (TI) LMV921 Datasheet HTML 6Page - National Semiconductor (TI) LMV921 Datasheet HTML 7Page - National Semiconductor (TI) LMV921 Datasheet HTML 8Page - National Semiconductor (TI) LMV921 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
1-1
LMV921 Qualification Package
1.0 INTRODUCTION
1.1 General Product Description
This qualification booklet covers a general purpose Op Amp. It is available in 2 different packages.
Single Op Amp
LMV921IM5/IM5X (5 lead SOT-23 package)
LMV921IM7/IM7X (5 lead SC-70 package)
1.2 Technical Product Description
The LMV921 is manufactured using National’s advanced Submicron Silicon Gate BiCMOS process.
Internal name for this process is CS80CBi, which uses 6-inch wafers.
1.3 Reliability/Qualification Overview
Copies of all reliability test reports listed below can be found under Reliability Reports section 5.0 later in
this qualification booklet.
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
Europe
Fax: +49 (0) 1 80 5 30 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80 5 30 85 85
English Tel: +49 (0) 1 80 5 32 78 32
Japan
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
Asia Pacific
Fax: 65-2504466
Email: sea.support@nsc.com
Tel: 65-2544466
(IDD telephone charge to be paid by caller)
See us on the Worldwide Web @ http://www.national.com
1.4 Technical Assistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com