Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMV921 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV921
Description  1.8V RR I/O Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV921 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV921 Datasheet HTML 3Page - National Semiconductor (TI) LMV921 Datasheet HTML 4Page - National Semiconductor (TI) LMV921 Datasheet HTML 5Page - National Semiconductor (TI) LMV921 Datasheet HTML 6Page - National Semiconductor (TI) LMV921 Datasheet HTML 7Page - National Semiconductor (TI) LMV921 Datasheet HTML 8Page - National Semiconductor (TI) LMV921 Datasheet HTML 9Page - National Semiconductor (TI) LMV921 Datasheet HTML 10Page - National Semiconductor (TI) LMV921 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
2-1
LMV921 Qualification Package
2.0 DEVICE INFORMATION
LMV921
1.8V, 1MHz, Low Power Operational Amplifier with
Rail-To-Rail Input and Output in SC70-5 package
General Description
The LMV921 is guaranteed to operate from +1.8V to +5.0V
supply voltages and has rail-to-rail input and output. This
rail-to-rail operation enables the user to make full use of the
entire supply voltage range. The input common mode volt-
age range extends 300mV beyond the supplies and the out-
put can swing rail-to-rail unloaded and within 100mV from
the rail with 600
Ω load at 1.8V supply. The LMV921 is opti-
mized to work at 1.8V which makes it ideal for portable
two-cell battery-powered systems and single cell Li-Ion sys-
tems.
The LMV921 exhibits excellent speed-power ratio, achieving
1 MHz gain bandwidth product at 1.8V supply voltage with
very low supply current. The LMV921 is capable of driving
600
Ω load and up to 1000pF capacitive load with minimal
ringing. The LMV921’s high DC gain of 100dB makes it suit-
able for low frequency applications.
The LMV921 is offered in a space saving SC70-5 and
SOT23-5
packages.
The
SC70-5
package
is
only
2.0X2.1X1.0mm. These small packages are ideal solutions
for area constrained PC boards and portable electronics
such as cellphones and PDAs.
Features
(Typical 1.8V Supply Values; Unless Otherwise Noted)
n Guaranteed 1.8V, 2.7V and 5V specifications
n Rail-to-Rail Input & Output Swing
— w/600
Ω Load
100 mV from rail
— w/2k
Ω Load
30 mV from rail
n V
CM
300mV beyond rails
n Ultra Tiny, SC70-5 package
n 90dB gain w/600Ω load
n Supply Current
145µA
n Gain Bandwidth Product
1MHz
n Maximum V
OS
6mV
Applications
n Cordless/Cellular Phones
n Laptops
n PDAs
n PCMCIA
n Portable/Battery-Powered Electronic Equipment
n Supply Current Monitoring
n Battery Monitoring
Connection Diagram
Ordering Information
Package
Temperature Range
Industrial
−40˚C to +85˚C
Packaging Marking
Transport Media
NSC Drawing
5-Pin SC70-5
LMV921M7
A21
250 Units Tape and
Reel
MAA05A
LMV921M7X
A21
3k Units Tape and Reel
5-Pin SOT23-5
LMV921M5
A29A
250 Units Tape and
Reel
MA05B
LMV921M5X
A29A
3k Units Tape and Reel
5-Pin SC70-5/SOT23-5
DS100979-84
Top View
April 1999
© 1999 National Semiconductor Corporation
DS100979
www.national.com
2.1 Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com