Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ECF40 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECF40
Description  AC-DC Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECF40 Datasheet(HTML) 4 Page - XP Power Limited

  ECF40 Datasheet HTML 1Page - XP Power Limited ECF40 Datasheet HTML 2Page - XP Power Limited ECF40 Datasheet HTML 3Page - XP Power Limited ECF40 Datasheet HTML 4Page - XP Power Limited ECF40 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMC: Emissions
EMC: Immunity
ECF40 Series
AC-DC Power Supplies
www.xppower.com
4
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
Figure 3
Temperature Derating Curve
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class A
Harmonic Current
EN61000-3-2
Class A
Voltage Functions
EN61000-3-3
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Medical Device EMC
IEC60601-1-2
Ed.4.0 : 2014
as below
Low Voltage PSU EMC
EN61204-3
High severity level
as below
ESD
EN61000-4-2
±8kV contact, ±15kV air
A
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surge
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN61000-4-11 (100 VAC)
Dip 100% (0 VAC), 8.4 ms
A
25% derating
Dip 100% (0 VAC), 16.7 ms
B
Dip 60% (40 VAC), 200 ms
B
Dip 30% (70 VAC), 500 ms
B
Dip 20% (80 VAC), 5000 ms
B
Int 100% (0 VAC), 5000 ms
B
EN61000-4-11 (115 VAC)
Dip 100% (0 VAC), 8.4 ms
A
Dip 100% (0 VAC), 16.7 ms
B
Dip 60% (40 VAC), 200 ms
B
Dip 30% (70 VAC), 500 ms
B
Dip 20% (80 VAC), 5000 ms
B
Int 100% (0 VAC), 5000 ms
B
EN61000-4-11 (240 VAC)
Dip100%(0VAC),10ms
A
Dip 100% (0 VAC), 20 ms
B
Dip60% (96VAC),200ms
B
Dip30% (168VAC),500ms
B
Dip 20% (192 VAC), 5000 ms
B
Int 100% (0 VAC), 5000 ms
B
EN60601-1-2 (100 VAC)
Dip100%(0VAC),10ms
A
30% derating
Dip 100% (0 VAC), 20 ms
A
60% derating
Dip60% (40VAC),100ms
A
75% derating
Dip30%(70VAC),500ms
A
Int 100% (0 VAC), 5000 ms
B
EN60601-1-2 (420 VAC)
Dip100%(0VAC),10ms
A
Dip 100% (0 VAC), 20 ms
A
Dip60% (96VAC),100ms
A
Dip30%(168VAC),500ms
A
Int 100% (0 VAC), 5000 ms
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com