Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ECF40 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECF40
Description  AC-DC Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECF40 Datasheet(HTML) 3 Page - XP Power Limited

  ECF40 Datasheet HTML 1Page - XP Power Limited ECF40 Datasheet HTML 2Page - XP Power Limited ECF40 Datasheet HTML 3Page - XP Power Limited ECF40 Datasheet HTML 4Page - XP Power Limited ECF40 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+70
°C
See derating curve, fig.3
Storage Temperature
-40
+85
°C
Humidity
5
95
%RH
Non-condensing
Operating Altitude
5000/4000
m
ITE/Medical
Shock
±3 x 30g shocks in each plane, total 18 shocks. 30g = 11ms (+/- 0.5msecs), half sine. Conforms to EN60068-2-27
Vibration
Single axis 10-500 Hz at 2g sweep and endurance at resonance in all 3 planes. Conforms to EN60068-2-6
ECF40 Series
www.xppower.com
AC-DC Power Supplies
3
Efficiency Vs Load
Figure 1
ECF40PS12
Figure 2
ECF40PS24
70
75
80
85
90
95
100
25
50
75
100
Load (%)
115VAC
230VAC
7
70
75
80
85
90
95
100
25
50
75
100
Load (%)
115VAC
230VAC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com