Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4874 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4874
Description  2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4874 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4874 Datasheet HTML 1Page - National Semiconductor (TI) LM4874 Datasheet HTML 2Page - National Semiconductor (TI) LM4874 Datasheet HTML 3Page - National Semiconductor (TI) LM4874 Datasheet HTML 4Page - National Semiconductor (TI) LM4874 Datasheet HTML 5Page - National Semiconductor (TI) LM4874 Datasheet HTML 6Page - National Semiconductor (TI) LM4874 Datasheet HTML 7Page - National Semiconductor (TI) LM4874 Datasheet HTML 8Page - National Semiconductor (TI) LM4874 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics for LM4874 (Notes 2, 8) (Continued)
Note 6: Machine Model, 220pF-240pF discharged through all pins.
Note 7: The given
θJA is for an LM4874 packaged in an MXA20A with the exposed-DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper. When
driving 4
Ω loads from a 5V supply, the LM4874MH must be mounted to the circuit board and its exposed-DAP soldered to an exposed 2in2 area of 1oz PCB copper.
Note 8: Typicals are measured at 25˚C and represent the parametric norm.
Note 9: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Datasheet minimum and maximum specification limits are guaranteed by design, test, or statistical analysis.
Note 11: Output power is measured at the amplifier’s package pins.
Note 12: When driving 3
Ω or 4Ω loads and operating on a 5V supply, the LM4874MH must be mounted to a circuit board that has a minimum of 2in2 of exposed,
uninterrupted copper area connected to the MH package’s exposed DAP.
External Components Description
See Figure 1.
Components
Functional Description
1.
C
i
The input coupling capacitor blocks DC voltage at the amplifier’s inverting input terminals. C
i, along with the
LM4874’s variable input resistance R
1 (See Table 1), creates a highpass filter with fC = 1/(2
πR
iCi). Both
inverting and noninverting inputs require a C
i. Refer to the Application Information section, SELECTING
EXTERNAL COMPONENTS, for an explanation of determining the value of C
i.
2.
C
S
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of, this capacitor.
3.
C
B
The capacitor, C
B, filters the half-supply voltage present on the BYPASS pin. Refer to the Application
Information section, SELECTING EXTERNAL COMPONENTS, for information concerning proper placement
and selecting C
B’s value.
Typical Performance Characteristics
MH Specific Characteristics
THD vs Frequency
THD vs Frequency
20046998
V
DD = 5V, RL =4
Ω,P
OUT = 1000mW,
at (from top to bottom at 1kHz):
A
V = 21.6dB, AV = 15.6dB,
A
V = 10dB, AV = 6dB
20046997
V
DD = 5V, RL =8
Ω,P
OUT = 400mW,
at (from top to bottom at 1kHz):
A
V = 21.6dB, AV = 15.6dB,
A
V = 10dB, AV = 6dB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com