Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4874 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4874
Description  2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4874 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4874 Datasheet HTML 1Page - National Semiconductor (TI) LM4874 Datasheet HTML 2Page - National Semiconductor (TI) LM4874 Datasheet HTML 3Page - National Semiconductor (TI) LM4874 Datasheet HTML 4Page - National Semiconductor (TI) LM4874 Datasheet HTML 5Page - National Semiconductor (TI) LM4874 Datasheet HTML 6Page - National Semiconductor (TI) LM4874 Datasheet HTML 7Page - National Semiconductor (TI) LM4874 Datasheet HTML 8Page - National Semiconductor (TI) LM4874 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4874
2.1W Differential Input, BTL Output Stereo Audio
Amplifier with Selectable Gain and Shutdown
General Description
The LM4874 features differential stereo inputs, BTL (bridge-
tied load) outputs, and four externally selectable fixed gains.
Operating on a single 5V supply, the LM4874 delivers 1.2W,
1.9W, or 2.1W (typ) of output power to an 8
Ω,4Ω,or3Ω BTL
load (Note 1), respectively, with less than 1% THD+N. The
LM4874’s gain is selected using two digital inputs. The nomi-
nal gain values are 6dB, 10dB, 15.6dB, and 21.6dB.
The LM4874 is designed for notebook and other handheld
portable applications. It delivers high quality output power
from a surface-mount package and requires few external
components.
Other features include an active-low micropower shutdown
mode input and thermal shutdown protection.
Key Specifications
j BTL output power
R
L =3
Ω,V
DD = 5.0V, and THD+N = 1%
2.1W (typ)
j BTL output power
R
L =4
Ω,V
DD = 5.0V, and THD+N = 1%
1.9W (typ)
j BTL output power
R
L =8
Ω,V
DD = 5.0V, and THD+N = 1%
1.2W (typ)
j Micropower shutdown current
0.1µA (typ)
j PSRR (@ 1kHz, VDD = 5V, (Fig.1))
62dB (typ)
Features
n
Fully differential input and output
n
Internal gain set: 6dB, 10dB, 15.6dB, and 21.6dB
n
Improved ’click and pop’ suppression
n
Thermal shutdown protection circuit
n
Ultra low current micropower shutdown mode
n
3.0V to 5.5V operation
n
Available in space-saving exposed-DAP TSSOP
package
Applications
n
Notebook computers
n
PDAs
n
Portable electronic devices
Connection Diagram
Top View
20046902
Order Number LM4874MH
See NS Package Number MXA20A for Exposed-DAP TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
August 2002
© 2002 National Semiconductor Corporation
DS200469
www.national.com


Similar Part No. - LM4874

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4870M NSC-LM4870M Datasheet
259Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871 TI1-LM4871 Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4874

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4884 NSC-LM4884 Datasheet
1Mb / 22P
2.1W Differential Input, BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
BCD Semiconductor Manuf...
AA4005 BCDSEMI-AA4005 Datasheet
571Kb / 15P
2.7W Stereo Audio Power Amplifier with Shutdown, 4 Selectable Gain Setups
AA4006 BCDSEMI-AA4006 Datasheet
433Kb / 2P
2.7W stereo audio power Amplifier with 4 Selectable Gain Setups and Input Mux
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com