Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D2-71083-LR Datasheet(PDF) 13 Page - Intersil Corporation

Part # D2-71083-LR
Description  Powered Speaker Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-71083-LR Datasheet(HTML) 13 Page - Intersil Corporation

Back Button D2-71083-LR Datasheet HTML 9Page - Intersil Corporation D2-71083-LR Datasheet HTML 10Page - Intersil Corporation D2-71083-LR Datasheet HTML 11Page - Intersil Corporation D2-71083-LR Datasheet HTML 12Page - Intersil Corporation D2-71083-LR Datasheet HTML 13Page - Intersil Corporation D2-71083-LR Datasheet HTML 14Page - Intersil Corporation D2-71083-LR Datasheet HTML 15Page - Intersil Corporation D2-71083-LR Datasheet HTML 16Page - Intersil Corporation D2-71083-LR Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
D2-7xx83
13
FN7838.3
April 28, 2016
Submit Document Feedback
61
PROTECT4
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and
channel assignment is defined by firmware.)
62
PROTECT5
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and
channel assignment is defined by firmware.)
63
PROTECT6
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and
channel assignment is defined by firmware.)
64
PROTECT7
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and
channel assignment is defined by firmware.)
65
PROTECT2
I/O
3.3
4
PWM protection input with hysteresis. (One of 9 protection inputs. Specific function and
channel assignment is defined by firmware.)
66
GPIO1
I/O
3.3
16
General purpose I/O Bidirectional GPIO port. (One of 8 GPIO. Resets to input port. Operation
and assignment is defined by product application's firmware.)
67
RVDD
P
3.3
-
Digital pad ring power, 3.3V. This 3.3V supply is used for all the digital I/O pad drivers and
receivers, except for the analog pads. Internally connected to PWMVDD.
68
RGND
P
3.3
-
Digital pad ring ground. Internally connected to PWMGND.
69
CGND
P
3.3
-
Core ground
70
CVDD
P
3.3
-
Core power, 1.8V
71
PWMGND
P
3.3
-
PWM output pin ground. Internally connected to RGND.
72
PWM17
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
73
PWM16
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
74
PWM15
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
75
PWM14
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
76
PWMVDD
P
3.3
-
PWM output pin power. This 3.3V supply is used for the PWM pad drivers. Internally connected
to RVDD.
77
PWMGND
P
3.3
-
PWM output pin ground. Internally connected to RGND.
78
PWM13
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
79
PWM12
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
80
PWM11
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
81
PWM10
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
82
PWM9
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
83
PWM8
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
84
PWMVDD
P
3.3
-
PWM output pin power. This 3.3V supply is used for the PWM pad drivers. Internally connected
to RVDD.
85
PWMGND
P
3.3
-
PWM output pin ground. Internally connected to RGND.
86
PWM7
I/O
3.3
8 or 16
PWM output pin. (One of 18 PWM output pins. Channel and operation assignment is defined
by firmware.)
Pin Descriptions (Continued)
PIN
PIN
NAME
(Note 15)TYPE
VOLTAGE
LEVEL
(V)
DRIVE
STRENGTH
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com