Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D2-71083-LR Datasheet(PDF) 21 Page - Intersil Corporation

Part # D2-71083-LR
Description  Powered Speaker Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-71083-LR Datasheet(HTML) 21 Page - Intersil Corporation

Back Button D2-71083-LR Datasheet HTML 17Page - Intersil Corporation D2-71083-LR Datasheet HTML 18Page - Intersil Corporation D2-71083-LR Datasheet HTML 19Page - Intersil Corporation D2-71083-LR Datasheet HTML 20Page - Intersil Corporation D2-71083-LR Datasheet HTML 21Page - Intersil Corporation D2-71083-LR Datasheet HTML 22Page - Intersil Corporation D2-71083-LR Datasheet HTML 23Page - Intersil Corporation D2-71083-LR Datasheet HTML 24Page - Intersil Corporation D2-71083-LR Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
D2-7xx83
21
FN7838.3
April 28, 2016
Submit Document Feedback
Audio Output
PWM AUDIO AMPLIFIER OUTPUT
The D2-7xx83 family supports multiple PWM output topologies,
which enables system designs to use an output stage, which
meets the cost and performance requirements of the particular
application. Twelve PWM channels are mapped to 18 PWM
output pins by the programmed firmware. The PWM output pins
are 3.3V CMOS levels with either 8mA or 16mA drive capability.
Output topologies supported include:
• Half-bridge, N+N or N+P
• Full-bridge, N+N or N+P using 2-level modulation, 2 or
4-quadrant control
LINE LEVEL OUTPUT
In addition to amplified outputs, the D2-7xx83 family IC also
supports line-level outputs that generate a nominal 1VRMS
output using a simple passive filter.
Headphone outputs or line-level outputs that require a 2VRMS (or
higher output level) are also supported, using an active filter to
accomplish the signal level needs.
S/PDIF TRANSMITTER
The D2-7xx83 contains one IEC60958 compatible S/PDIF Digital
transmitter. The transmitter complies with the consumer
applications defined in IEC60958-3. The transmitter supports
24-bit audio data, 24-bit user data, and 30-bit channel status
data.
A bit-exact pass-through mode from the selected SPDIFRX[1:0]
input is also supported. This simplifies system designs that
require that the IEC61937-compliant original compressed audio
bitstream be made available at the back panel of the product, as
well as giving the user the capability to select a decoded (and
downmixed, if necessary) IEC60958-compliant stereo or mono
Linear PCM output for digital audio recording/playback
capabilities.
The D2-7xx83 family optional firmware offers digital audio
format conversion support for I2S Digital format input to S/PDIF
Digital format output, as well as S/PDIF Digital format input to
I2S Digital format output, for all digital audio Linear PCM
(non-compressed) audio sources. This functionality is not
available for compressed audio inputs, unless the compressed
audio data is first decoded by the internal DSP, and if necessary,
downmixed to 2 channels.
This format conversion path offers the ability to reduce the clock
jitter on the output due to the fact that both inputs (when in this
mode) pass through the professional-grade Sample-Rate Converters
(SRC). This approach also enables consumer products to output a
downsampled digital audio output for audio that may not otherwise
be made available to the consumer in the original higher-bandwidth
format due to certain consumer electronic/content protection
licensing restrictions.
SERIAL AUDIO OUTPUT
D2-7xx83 family IC-based systems support outputting a bit-exact
pass-through of a compressed audio bitstream, or a decoded,
down-mixed (Lt/Rt or Lo/Ro) and downsampled 2 channel Linear
PCM audio bitstream via a specified SAI port, or S/PDIF Digital
transmitter. In addition, depending on the firmware functionality,
it is possible for unused SAI (Serial Audio Interfaces) to also
support I2S output as well, in either slave or master mode. The
output audio sample rate is determined by the firmware and can
vary from 32kHz up to 192kHz.
HD Audio
HDA INTERFACE
The HD Audio interface also provides a control interface. This
control interface uses the HD Audio GPI, GPO, and GPIO 8-bit
ports to provide a message passing facility between the
D2-7xx83 and the PC.
The D2-7xx83 fully supports Windows® Hardware Quality Labs
(WHQL™)-certification as, it is a UAA-Compliant Secondary HD
Audio CODEC. The devices may be used either as the primary
HDA CODEC, or as the second HDA CODEC in the system.
Features supported are:
• Message passing to other devices located on the motherboard
(e.g. HP jack detection and reporting.)
• Amplifier firmware download.
• Amplifier code load during system boot.
• Amplifier control protocol (D2Audio Canvas II support).
HD AUDIO PLAY
The D2-7xx83 provides for direct connection of a PC’s HD Audio
(HDA) Controller to the device. In this configuration, the
D2-7xx83 functions as an HDA CODEC with powered (amplified)
outputs.
Supported Features Include:
• 2, 4, 6, or 8 Amplified or PWM DAC Channels
• Audio Sample Rates 48kHz, 96kHz, 192kHz
• Data Widths of 16-bit, 20-bit, and 24-bit
• Independent Channel Gain Control
The HDA interface uses 5 of the 6 pins of the SAI 3 port. The HDA
interface captures the audio streams and converts them into one
to four I2S data streams, depending on the number of channels
used. These I2S stereo streams are routed through SAI 3 and SAI
4 and then on to the Sample Rate Converter. The SRC will rate
lock to the HDA stream and remove any jitter while converting
the data to the output sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com